Part Name
         Description
CY8C20346A-24LQXI

 CapSense Applications Operating Range: 1.71 V to 5.5 V ( 43 Page)


CYPRESS
100% 
Zoom Out Zoom In
 20 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. *E
Page 20 of 43
Table 15. 2.4V to 3.0V DC GPIO Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
RPU
Pull-up resistor
4
5.60
8
k
Ω
VOH1
High output voltage
Port 2 or 3 pins
IOH < 10
μA, maximum of 10 mA
source current in all I/Os
VDD - 0.20
V
VOH2
High output voltage
Port 2 or 3 Pins
IOH = 0.2 mA, maximum of 10 mA
source current in all I/Os
VDD - 0.40
V
VOH3
High output voltage
Port 0 or 1 pins with LDO regulator
Disabled for port 1
IOH < 10
μA, maximum of 10 mA
source current in all I/Os
VDD - 0.20
V
VOH4
High output voltage
Port 0 or 1 pins with LDO regulator
Disabled for Port 1
IOH = 2 mA, maximum of 10 mA source
current in all I/Os
VDD - 0.50
V
VOH5A
High output voltage
Port 1 pins with LDO enabled for 1.8 V
out
IOH < 10
μA, V
DD > 2.4 V, maximum of
20 mA source current in all I/Os
1.50
1.80
2.10
V
VOH6A
High output voltage
Port 1 pins with LDO enabled for 1.8 V
out
IOH = 1 mA, VDD > 2.4 V, maximum of
20 mA source current in all I/Os
1.20
V
VOL
Low output voltage
IOL = 10 mA, maximum of 30 mA sink
current on even port pins (for example,
P0[2] and P1[4]) and 30 mA sink
current on odd port pins (for example,
P0[3] and P1[5])
0.75
V
VIL
Input low voltage
0.72
V
VIH
Input high voltage
1.40
V
VH
Input hysteresis voltage
80
mV
IIL
Input leakage (absolute value)
1
1000
nA
CPIN
Capacitive load on pins
Package and pin dependent
Temp = 25
°C
0.50
1.70
7
pF
Table 16. 1.71-V to 2.4-V DC GPIO Specifications
Symbol
Description
Conditions
Min
Typ
Max
Units
RPU
Pull-up resistor
4
5.60
8
k
Ω
VOH1
High output voltage
Port 2 or 3 pins
IOH = 10
μA, maximum of 10 mA
source current in all I/Os
VDD – 0.20
V
VOH2
High output voltage
Port 2 or 3 pins
IOH = 0.5 mA, maximum of 10 mA
source current in all I/Os
VDD – 0.50
V
VOH3
High output voltage
Port 0 or 1 pins with LDO regulator
Disabled for Port 1
IOH = 100
μA, maximum of 10 mA
source current in all I/Os
VDD – 0.20
V
VOH4
High output voltage
Port 0 or 1 Pins with LDO Regulator
Disabled for Port 1
IOH = 2 mA, maximum of 10 mA source
current in all I/Os
VDD – 0.50
V
VOL
Low output voltage
IOL = 5 mA, maximum of 20 mA sink
current on even port pins (for example,
P0[2] and P1[4]) and 30 mA sink
current on odd port pins (for example,
P0[3] and P1[5])
0.40
V
VIL
Input low voltage
0.30 × VDD
V
VIH
Input high voltage
0.65 × VDD
––
V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl