Part Name
         Description
CY8C20346A-24LQXI

 CapSense Applications Operating Range: 1.71 V to 5.5 V ( 43 Page)


CYPRESS
100% 
Zoom Out Zoom In
 10 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. *E
Page 10 of 43
30-Ball Part Pinout
Table 4. Pin Definitions – CY8C20766A, CY8C20746A 30-Ball Part Pinout (WLCSP)
Pin No.
Type
Name
Description
Digital
Analog
Figure 5. CY8C20766A 30-Ball WLCSP
A1
IOH
I
P0[2]
Bottom View
Top View
A2
IOH
I
P0[6]
A3
Power
VDD
Supply voltage
A4
IOH
I
P0[1]
Integrating Input
A5
I/O
I
P2[7]
B1
I/O
I
P2[6]
B2
IOH
I
P0[0]
B3
IOH
I
P0[4]
B4
IOH
I
P0[3]
Integrating Input
B5
I/O
I
P2[5]
Crystal Output (Xout)
C1
I/O
I
P2[2]
C2
I/O
I
P2[4]
C3
IOH
I
P0[7]
C4
IOH
I
P0[5]
C5
I/O
I
P2[3]
Crystal Input (Xin)
D1
I/O
I
P2[0]
D2
I/O
I
P3[0]
D3
I/O
I
P3[1]
D4
I/O
I
P3[3]
D5
I/O
I
P2[1]
E1
Input
XRES
Active high external reset with
internal pull-down
E2
IOHR
I
P1[6]
E3
IOHR
I
P1[4]
Optional external clock input
(EXT CLK)
E4
IOHR
I
P1[7]
I2C SCL, SPI SS
E5
IOHR
I
P1[5]
I2C SDA, SPI MISO
F1
IOHR
I
P1[2]
F2
IOHR
I
P1[0]
ISSP DATA[11], I2C SDA, SPI
CLK[12]
F3
Power
VSS
Supply ground
F4
IOHR
I
P1[1]
ISSP CLK[11], I2C SCL, SPI
MOSI
F5
IOHR
I
P1[3]
SPI CLK
5
432
1
A
B
C
D
E
F
1
234
5
B
C
D
E
F
A
Notes
11. On power-up , the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1])line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
12. Alternate SPI clock.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl