Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C66013C Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C66013C
Description  Full Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C66013C Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C66013C_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C66013C_11 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
CY7C66013C, CY7C66113C
Document Number: 38-08024 Rev. *G
Page 8 of 61
Table 1. Pad Coordinates in Microns (0,0) to Bond Pad Centers
Pad No.
Pin Name
X
Y
Pad #
Pin Name
X
Y
1
XtalOut
1274.2
3588.8
37
DAC6
2000.6
210.6
2
XtalIn
1132.8
3588.8
38
DAC4
2103.6
210.6
3
Vref
889.85
3588.8
39
DAC2
2206.6
210.6
4
Port11b
684.65
3588.8
40
Port06
2308.4
210.6
5
Port13
581.65
3588.8
41
Port04
2411.4
210.6
6
Port15
478.65
3588.8
42
Port02
2514.4
210.6
7
Vss
375.65
3588.8
43
Port00
2617.4
210.6
8
Port17
0
3408.35
44
Vpp
2992.4
25.4
9
Port31
0
3162.05
45
DAC0
2992.4
151.75
10
Du+
0
3060.55
46
Port26
2992.4
306.15
11
Du–
0
2752.4
47
DD+6
2992.4
407.65
12
Port33
0
2650.95
48
DD–6
2992.4
715.75
13
Vss
0
2474.6
49
Port24
2992.4
817.25
14
Port35
0
2368.45
50
Vss
2992.4
923.4
15
DD+1
0
2266.95
51
Port22
2992.4
1086.75
16
DD–1
0
1958.85
52
DD+5
2992.4
1188.25
17
Port37
0
1857.35
53
DD–5
2992.4
1496.35
18
Vref
0
1680.4
54
Port20
2992.4
1597.85
19
Port21
0
1567.4
55
Vref
2992.4
1710.8
20
DD+2
0
1465.95
56
Port36
2992.4
1874.75
21
DD–2
0
1157.85
57
DD+4
2992.4
1976.25
22
Port23
0
1056.35
58
DD–4
2992.4
2284.35
23
Vss
0
880
59
Port34
2992.4
2385.85
24
Port25
0
773.85
60
Vss
2992.4
2492
25
DD+7
0
672.35
61
Port32
2992.4
2655.35
26
DD–7
0
364.25
62
DD+3
2992.4
2756.85
27
Port27
0
262.75
63
DD–3
2992.4
3064.95
28
DAC7
0
100.75
64
Port30
2992.4
3166.45
29
Vss
0
0
65
Port16
2992.4
3412.25
30
Port07
375.2
210.6
66
Port14
2634.2
3588.8
31
Port05
478.2
210.6
67
Port12
2531.2
3588.8
32
Port03
581.2
210.6
68
Port10
2428.2
3588.8
33
Port01
684.2
210.6
69
Port11
2325.2
3588.8
34
DAC5
788.4
210.6
70
VCC
2221.75
3588.8
35
DAC3
891.4
210.6
71
PadOpt
2121.75
3588.8
36
DAC1
994.4
210.6
[+] Feedback


Similar Part No. - CY7C66013C_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C66013C-PVXC CYPRESS-CY7C66013C-PVXC Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C-PVXC CYPRESS-CY7C66013C-PVXC Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
More results

Similar Description - CY7C66013C_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C66013 CYPRESS-CY7C66013 Datasheet
449Kb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C_08 Datasheet
1Mb / 58P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013 CYPRESS-CY7C66013 Datasheet
435Kb / 53P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C66013C CYPRESS-CY7C66013C Datasheet
2Mb / 61P
   Full-Speed USB (12 Mbps) Peripheral Controller with Integrated Hub
CY7C64013C CYPRESS-CY7C64013C_11 Datasheet
1Mb / 53P
   Full-Speed USB (12-Mbps) Function
CY7C64013 CYPRESS-CY7C64013 Datasheet
400Kb / 48P
   Full-Speed USB (12 Mbps) Function
CY7C64013C CYPRESS-CY7C64013C Datasheet
2Mb / 51P
   Full-Speed USB (12-Mbps) Function
logo
SMSC Corporation
USB97C102 SMSC-USB97C102 Datasheet
521Kb / 80P
   Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
logo
Cypress Semiconductor
CY7C64713 CYPRESS-CY7C64713_08 Datasheet
1Mb / 54P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
CY7C6471314 CYPRESS-CY7C6471314 Datasheet
758Kb / 50P
   EZ-USB FX1??USB Microcontroller Full-speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com