Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC3A302J39H1 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC3A302J39H1
Description  3mm Disc Type for Temperature Sensing/Compensation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC3A302J39H1 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  TTC3A302J39H1 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC3A302J39H1 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTC Thermistor:
:TTC03 Series
Ф3mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2008.03
Electrical Characteristics
Safety
Approvals
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B25/85
Value
Tolerance
of
B value
Max.
Power Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25 (K )
( ±%)
(K)
(±%)
Pmax(mW)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL CQC
TTC3A901
39D*
0.9
3935
TTC3A102
39D*
1
3935
TTC3A152
39D*
1.5
3935
TTC3A202
39H*
2
3975
TTC3A222
39H*
2.2
3975
TTC3A272
39H*
2.7
3975
TTC3A302
39H*
3
3975
TTC3A332
39H*
3.3
3975
TTC3A472
39H*
4.7
3975
TTC3A502
39H*
5
3975
TTC3A682
39H*
6.8
3975
TTC3A103
34D*
10
3435
TTC3A103
374*
10
3740
TTC3A103
39H*
10
3975
TTC3A123
374*
12
3740
TTC3A153
374*
15
3740
TTC3A203
374*
20
3740
TTC3A223
374*
22
3740
TTC3A333
409*
33
4090
TTC3A473
409*
47
4090
TTC3A503
39H*
50
3975
TTC3A503
406*
50
4060
TTC3A683
419*
68
4190
TTC3A104
419*
100
4190
TTC3A154
437*
150
4370
TTC3A224
437*
220
4370
TTC3A334
457*
330
4570
TTC3A474
457*
470
1、2、3、
5、10
4570
1、2、3
150
≧2.5
≦18
-40~+125
Note 1: □ = Tolerance of rR25
Note 2: * = Tolerance of B value
Note 3: UL file no.E138827
CQC file no. 04001011966


Similar Part No. - TTC3A302J39H1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TTC3710B TOSHIBA-TTC3710B Datasheet
245Kb / 7P
   Bipolar Transistors Silicon NPN Epitaxial Type
2014-11-06 Rev.3.0
More results

Similar Description - TTC3A302J39H1

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com