Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC497 Datasheet(PDF) 3 Page - Protek Devices

Part # PLC497
Description  ultra low capacitance steering diode/TVS array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC497 Datasheet(HTML) 3 Page - Protek Devices

  PLC497 Datasheet HTML 1Page - Protek Devices PLC497 Datasheet HTML 2Page - Protek Devices PLC497 Datasheet HTML 3Page - Protek Devices PLC497 Datasheet HTML 4Page - Protek Devices PLC497 Datasheet HTML 5Page - Protek Devices PLC497 Datasheet HTML 6Page - Protek Devices PLC497 Datasheet HTML 7Page - Protek Devices PLC497 Datasheet HTML 8Page - Protek Devices PLC497 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05100.R8 9/10
Page 3
PLC497
tyPiCaL deViCe ChaRaCteRistiCs
Peak Pulse Power
8/20µs
Average Power
FiguRe 3
PoweR deRating CuRVe
t
a - ambient temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FiguRe 2
PuLse waVe FoRm
t - time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FiguRe 1
Peak PuLse PoweR Vs PuLse time
t
d - Pulse duration - µs
200W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000


Similar Part No. - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
72Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
581Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE
PLC497 PROTEC-PLC497_07 Datasheet
72Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497_12 Datasheet
918Kb / 9P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PLC497

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
   ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
   ultra low capacitance steering diode/tvs array
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR3.3 PROTEC-PSR3.3 Datasheet
478Kb / 6P
   ultra low capacitance steering diode/tvs array
PSR3.3 PROTEC-PSR3.3_12 Datasheet
479Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SRV25-4 PROTEC-SRV25-4 Datasheet
442Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0502 PROTEC-PLR0502_12 Datasheet
553Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR2.8 PROTEC-SR2.8_12 Datasheet
486Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com