Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC03-6 Datasheet(PDF) 6 Page - Protek Devices

Part # PLC03-6
Description  HIGH POWER steering diode/TVS ARRAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLC03-6 Datasheet(HTML) 6 Page - Protek Devices

  PLC03-6_10 Datasheet HTML 1Page - Protek Devices PLC03-6_10 Datasheet HTML 2Page - Protek Devices PLC03-6_10 Datasheet HTML 3Page - Protek Devices PLC03-6_10 Datasheet HTML 4Page - Protek Devices PLC03-6_10 Datasheet HTML 5Page - Protek Devices PLC03-6_10 Datasheet HTML 6Page - Protek Devices PLC03-6_10 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05080.R8 9/10
Page 6
PLC03-6
tAPE And REEL
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
Pin 1
ORdERInG InFORMAtIOn
BAsE PARt nuMBER
LEAdFREE suFFIX
tAPE suFFIX
QtY/REEL
REEL sIZE
tuBE QtY
PLC03-6
-LF
-T7
1,000
7”
98
PLC03-6
-LF
-T13
2,500
13”
98
sPECIFICAtIOns
REEL dIA.
tAPE
WIdtH
A0
B0
k0
d
E
F
W
P0
P2
P
tmax
178mm (7”)
12mm 6.50 ± 0.10 5.40 ± 0.10 2.00 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 5.50 ± 0.05 12.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
nOtEs
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 12mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 12mm tape.
5. Bulk product shipped in tubes of 98 pieces per tube.
6. Marking on Part - marking code (see page 2), date code, logo and pin one defined by dot on top of package.
Package outline, pad layout and tape specifications per document number 06011.R4 8/10.


Similar Part No. - PLC03-6_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PLC03-6 PROTEC-PLC03-6_12 Datasheet
596Kb / 7P
   HIGH POWER steeri ng dio de/TVS ARRAY
More results

Similar Description - PLC03-6_10

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SRDA70-4 MICROSEMI-SRDA70-4 Datasheet
271Kb / 2P
   STEERING DIODE TVS ARRAY
logo
Bourns Electronic Solut...
CDDFN10-3304N BOURNS-CDDFN10-3304N Datasheet
255Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304N BOURNS-CDDFN10-3304N_12 Datasheet
305Kb / 4P
   TVS/Steering Diode Array
CDSOT236-0504LC BOURNS-CDSOT236-0504LC_12 Datasheet
287Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_15 Datasheet
389Kb / 5P
   TVS/Steering Diode Array
CDDFN6-0504P BOURNS-CDDFN6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-0506N BOURNS-CDDFN10-0506N_12 Datasheet
395Kb / 5P
   TVS/Steering Diode Array
CDDFN-6-0504P BOURNS-CDDFN-6-0504P Datasheet
269Kb / 4P
   TVS/Steering Diode Array
CDDFN10-3304NA BOURNS-CDDFN10-3304NA Datasheet
485Kb / 5P
   TVS/Steering Diode Array
logo
Microsemi Corporation
MMAD1108 MICROSEMI-MMAD1108_05 Datasheet
81Kb / 2P
   Switching Diode Array Steering Diode TVS Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com