Electronic Components Datasheet Search |
|
CY7C1515KV18-300BZXC Datasheet(PDF) 11 Page - Cypress Semiconductor |
|
CY7C1515KV18-300BZXC Datasheet(HTML) 11 Page - Cypress Semiconductor |
11 / 33 page CY7C1511KV18, CY7C1526KV18 CY7C1513KV18, CY7C1515KV18 Document Number: 001-00435 Rev. *N Page 11 of 33 Application Example Figure 1 shows four QDR II used in an application. Figure 1. Application Example R = 250 ohms Vt R R = 250 ohms Vt Vt R Vt = Vddq/2 R = 50 ohms R CC# D A SRAM #4 R P S # W P S # B W S # K ZQ CQ/CQ# Q K# CC# D A K SRAM #1 R P S # W P S # B W S # ZQ CQ/CQ# Q K# BUS MASTER (CPU or ASIC) DATA IN DATA OUT Address RPS# WPS# BWS# Source K Source K# Delayed K Delayed K# CLKIN/CLKIN# Notes 2. X = “Don't Care,” H = Logic HIGH, L = Logic LOW, ↑represents rising edge. 3. Device powers up deselected with the outputs in a tristate condition. 4. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst. 5. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle. 6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode. 7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. 8. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation. 9. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the second read or write request. Truth Table The truth table for CY7C1511KV18, CY7C1526KV18, CY7C1513KV18, and CY7C1515KV18 follows.[2, 3, 4, 5, 6, 7] Operation K RPS WPS DQ DQ DQ DQ Write cycle: Load address on the rising edge of K; input write data on two consecutive K and K rising edges. L-H H[8] L[9] D(A) at K(t + 1) ↑ D(A + 1) at K(t + 1)↑ D(A + 2) at K(t + 2)↑ D(A + 3) at K(t + 2)↑ Read cycle: Load address on the rising edge of K; wait one and a half cycle; read data on two consecutive C and C rising edges. L-H L[9] XQ(A) at C(t + 1) ↑ Q(A + 1) at C(t + 2)↑ Q(A + 2) at C(t + 2)↑ Q(A + 3) at C(t + 3)↑ NOP: No operation L-H H H D = X Q = High-Z D = X Q = High-Z D = X Q = High-Z D = X Q = High-Z Standby: Clock stopped Stopped X X Previous State Previous State Previous State Previous State [+] Feedback |
Similar Part No. - CY7C1515KV18-300BZXC |
|
Similar Description - CY7C1515KV18-300BZXC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |