Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C09179V-6AXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C09179V-6AXC
Description  3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09179V-6AXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C09179V-6AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 13Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 14Page - Cypress Semiconductor CY7C09179V-6AXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CY7C09089V/99V
CY7C09179V/99V
Document #: 38-06043 Rev. *F
Page 11 of 28
Switching Characteristics
Over the Operating Range
Parameter
Description
CY7C09079V/89V/99V
CY7C09179V/89V/99V
Unit
-6[16]
-7[16]
-9
-12
Min
Max
Min
Max
Min
Max
Min
Max
fMAX1
fMax Flow-through
53
45
40
33
MHz
fMAX2
fMax Pipelined
100
83
67
50
MHz
tCYC1
Clock Cycle Time - Flow-through
19
22
25
30
ns
tCYC2
Clock Cycle Time - Pipelined
10
12
15
20
ns
tCH1
Clock HIGH Time - Flow-through
6.5
7.5
12
12
ns
tCL1
Clock LOW Time - Flow-through
6.5
7.5
12
12
ns
tCH2
Clock HIGH Time - Pipelined
4–5–
6
8
ns
tCL2
Clock LOW Time - Pipelined
4–5–
6
8
ns
tR
Clock Rise Time
–3–3
3
3
ns
tF
Clock Fall Time
–3–3
3
3
ns
tSA
Address Set-Up Time
3.5
4
4
4
ns
tHA
Address Hold Time
0–0–
1
1
ns
tSC
Chip Enable Set-Up Time
3.5
4
4
4
ns
tHC
Chip Enable Hold Time
0–0–
1
1
ns
tSW
R/W Set-Up Time
3.5
4
4
4
ns
tHW
R/W Hold Time
0–0–
1
1
ns
tSD
Input Data Set-Up Time
3.5
4
4
4
ns
tHD
Input Data Hold Time
0–0–
1
1
ns
tSAD
ADS Set-Up Time
3.5
4
4
4
ns
tHAD
ADS Hold Time
0–0–
1
1
ns
tSCN
CNTEN Set-Up Time
3.5
4.5
5
5
ns
tHCN
CNTEN Hold Time
0–0–
1
1
ns
tSRST
CNTRST Set-Up Time
3.5
4
4
4
ns
tHRST
CNTRST Hold Time
0–0–
1
1
ns
tOE
Output Enable to Data Valid
–8–9
10
12
ns
tOLZ[17, 18]
OE to Low Z
2–2–
2
2
ns
tOHZ[17, 18]
OE to High Z
1717
1
7
1
7
ns
tCD1
Clock to Data Valid - Flow-through
15
18
20
25
ns
tCD2
Clock to Data Valid - Pipelined
6.5
7.5
9
12
ns
tDC
Data Output Hold After Clock HIGH
2–2–
2
2
ns
tCKHZ[17, 18]
Clock HIGH to Output High Z
2929
2
9
2
9
ns
tCKLZ[17, 18]
Clock HIGH to Output Low Z
2–2–
2
2
ns
Notes
16. See page 9 and page 10 for Load Conditions.
17. Test conditions used are Load 2.
18. This parameter is guaranteed by design, but it is not production tested.
[+] Feedback


Similar Part No. - CY7C09179V-6AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09179V-6AXC CYPRESS-CY7C09179V-6AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09179V-6AXC CYPRESS-CY7C09179V-6AXC Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09179V-6AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com