Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4261V Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C4261V
Description  16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261V Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C4261V Datasheet HTML 1Page - Cypress Semiconductor CY7C4261V Datasheet HTML 2Page - Cypress Semiconductor CY7C4261V Datasheet HTML 3Page - Cypress Semiconductor CY7C4261V Datasheet HTML 4Page - Cypress Semiconductor CY7C4261V Datasheet HTML 5Page - Cypress Semiconductor CY7C4261V Datasheet HTML 6Page - Cypress Semiconductor CY7C4261V Datasheet HTML 7Page - Cypress Semiconductor CY7C4261V Datasheet HTML 8Page - Cypress Semiconductor CY7C4261V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
16 K / 32 K / 64 K / 128 K × 9
Low-Voltage Deep Sync™ FIFOs
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 38-06013 Rev. *F
Revised March 30, 2011
Features
3.3 V operation for low-power consumption and easy
integration into low-voltage systems
High-speed, low-power, first-in first-out (FIFO) memories
16 K × 9 (CY7C4261V)
32 K × 9 (CY7C4271V)
64 K × 9 (CY7C4281V)
128 K × 9 (CY7C4291V)
0.35-micron CMOS for optimum speed or power
High-speed 100-MHz operation (10-ns read/write cycle
times)
Low power
ICC = 25 mA
ISB = 4 mA
Fully asynchronous and simultaneous read and write
operation
Empty, Full, and programmable Almost Empty and Almost
Full status flags
Output-enable (OE) pin
Independent read- and write-enable pins
Supports free-running 50% duty cycle clock inputs
Width-expansion capability
Pin-compatible 3.3 V solutions for CY7C4261/71/81/91
Pin-compatible density upgrade to CY7C42X1V family
Pb-free packages available
Functional Description
The CY7C4261/71/81/91V are high-speed, low-power FIFO
memories with clocked read and write interfaces. All are nine
bits wide. The CY7C4261/71/81/91V are pin-compatible to the
CY7C42x1V Synchronous FIFO family. Programmable
features include Almost Full/Almost Empty flags. These FIFOs
provide solutions for a wide variety of data buffering needs,
including high-speed data acquisition, multiprocessor
interfaces, and communications buffering.
These FIFOs have 9-bit input and output ports that are
controlled by separate clock and enable signals. The input port
is controlled by a free-running clock (WCLK) and two
write-enable pins (WEN1, WEN2/LD).
When WEN1 is LOW and WEN2/LD is HIGH, data is written
into the FIFO on the rising edge of the WCLK signal. While
WEN1 and WEN2/LD are held active, data is continually
written into the FIFO on each WCLK cycle. The output port is
controlled in a similar manner by a free-running read clock
(RCLK) and two read-enable pins (REN1, REN2). In addition,
the CY7C4261/71/81/91V has an output-enable pin (OE). The
read (RCLK) and write (WCLK) clocks may be tied together for
single-clock operation or the two clocks may be run
independently for asynchronous read/write applications. Clock
frequencies up to 100 MHz are achievable. Depth expansion
is possible using one enable input for system control, while the
other enable is controlled by expansion logic to direct the flow
of data.
The CY7C4261/71/81/91V provides four status pins: Empty,
Full, Programmable Almost Empty, and Programmable Almost
Full. The Almost Empty/Almost Full flags are programmable to
single word granularity. The programmable flags default to
Empty +7 and Full –7.
The flags are synchronous, that is, they change state relative
to either the read clock (RCLK) or the write clock (WCLK).
When entering or exiting the Empty and Almost Empty states,
the flags are updated exclusively by the RCLK. The flags
denoting Almost Full, and Full states are updated exclusively
by WCLK. The synchronous flag architecture guarantees that
the flags maintain their status for at least one cycle.
All configurations are fabricated using an advanced 0.35
CMOS technology. Input ESD protection is greater than 2001
V, and latch-up is prevented by the use of guard rings.
Selection Guide
7C4261/71/81/91V-10
7C4261/71/81/91V-15
7C4261/71/81/91V-25
Unit
Maximum frequency
100
66.7
40
MHz
Maximum access time
8
10
15
ns
Minimum cycle time
10
15
25
ns
Minimum data or enable setup
3.5
4
6
ns
Minimum data or enable hold
0
0
1
ns
Maximum flag delay
8
10
15
ns
Active power supply
current (ICC1)
Commercial
25
25
25
mA
Industrial
30
CY7C4261V
CY7C4271V
CY7C4281V
CY7C4291V
Density
16 K x 9
32 K x 9
64 K x 9
128 K x 9
Package
32-pin PLCC
32-pin PLCC
32-pin PLCC
32-pin PLCC
[+] Feedback


Similar Part No. - CY7C4261V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261V-10JC CYPRESS-CY7C4261V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-10JC CYPRESS-CY7C4261V-10JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261V-10JXC CYPRESS-CY7C4261V-10JXC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4261V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C4221 CYPRESS-CY7C4221_12 Datasheet
622Kb / 22P
   1 K / 2 K 횞 9 Synchronous FIFOs
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com