Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4205 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C4205
Description  256/512/1K/4K x 18 Synchronous FIFOs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4205 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C4205_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C4205_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CY7C4205/CY7C4215
CY7C4225/CY7C4245
Document Number: 001-45652 Rev. *B
Page 6 of 25
Architecture
The CY7C42X5 consists of an array of 256 to 1 K words & 4 K
words of 18 bits each (implemented by a dual-port array of
SRAM cells), a read pointer, a write pointer, control signals
(RCLK, WCLK, REN, WEN, RS), and flags (EF, PAE, HF, PAF,
FF). The CY7C42X5 also includes the control signals WXI, RXI,
WXO, RXO for depth expansion.
Resetting the FIFO
Upon power-up, the FIFO must be reset with a Reset (RS) cycle.
This causes the FIFO to enter the Empty condition signified by
EF being LOW. All data outputs go LOW after the falling edge of
RS only if OE is asserted. In order for the FIFO to reset to its
default state, a falling edge must occur on RS and the user must
not read or write while RS is LOW.
FIFO Operation
When the WEN signal is active (LOW), data present on the D0-17
pins is written into the FIFO on each rising edge of the WCLK
signal. Similarly, when the REN signal is active LOW, data in the
FIFO memory will be presented on the Q017 outputs. New data
will be presented on each rising edge of RCLK while REN is
active LOW and OE is LOW. REN must set up tENS before RCLK
for it to be a valid read function. WEN must occur tENS before
WCLK for it to be a valid write function.
An Output Enable (OE) pin is provided to three-state the Q0–17
outputs when OE is deasserted. When OE is enabled (LOW),
data in the output register will be available to the Q017 outputs
after tOE. If devices are cascaded, the OE function will only
output data on the FIFO that is read enabled.
The FIFO contains overflow circuitry to disallow additional writes
when the FIFO is full, and underflow circuitry to disallow
additional reads when the FIFO is empty. An empty FIFO
maintains the data of the last valid read on its Q017 outputs even
after additional reads occur.
Programming
The CY7C42X5 devices contain two 12-bit offset registers. Data
present on D0–11 during a program write will determine the
distance from Empty (Full) that the Almost Empty (Almost Full)
flags become active. If the user elects not to program the FIFO’s
flags, the default offset values are used (see Table 2). When the
Load LD pin is set LOW and WEN is set LOW, data on the inputs
D0–11 is written into the Empty offset register on the first
LOW-to-HIGH transition of the write clock (WCLK). When the LD
pin and WEN are held LOW then data is written into the Full offset
register on the second LOW-to-HIGH transition of the Write
Clock (WCLK). The third transition of the Write Clock (WCLK)
again writes to the Empty offset register (see Table 1). Writing all
offset registers does not have to occur at one time. One or two
offset registers can be written and then, by bringing the LD pin
HIGH, the FIFO is returned to normal read/write operation. When
the LD pin is set LOW, and WEN is LOW, the next offset register
in sequence is written.
The contents of the offset registers can be read on the output
lines when the LD pin is set LOW and REN is set LOW; then,
data can be read on the LOW-to-HIGH transition of the Read
Clock (RCLK).
Note
1. The same selection sequence applies to reading from the registers. REN is enabled and read is performed on the LOW-to-HIGH transition of RCLK.
RXO
Read expansion
output
O Cascaded – Connected to RXI of next device.
RS
Reset
I
Resets device to empty condition. A reset is required before an initial read or write
operation after power-up.
OE
Output enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are connected.
If OE is HIGH, the FIFO’s outputs are in High Z (high-impedance) state.
VCC/SMODE Synchronous
almost empty/
almost full flags
I
Dual-Mode Pin. Asynchronous Almost Empty/Almost Full flags – tied to VCC.
Synchronous Almost Empty/Almost Full flags – tied to VSS. (Almost Empty synchro-
nized to RCLK, Almost Full synchronized to WCLK.)
Pin Definitions (continued)
Signal Name
Description
IO
Function
Table 1. Write Offset Register
LD
WEN
WCLK[1]
Selection
0
0
Writing to offset registers:
Empty Offset
Full Offset
0
1
No operation
1
0
Write into FIFO
1
1
No operation
[+] Feedback


Similar Part No. - CY7C4205_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4205-10AC CYPRESS-CY7C4205-10AC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10AI CYPRESS-CY7C4205-10AI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10ASC CYPRESS-CY7C4205-10ASC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10ASI CYPRESS-CY7C4205-10ASI Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4205-10JC CYPRESS-CY7C4205-10JC Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
More results

Similar Description - CY7C4205_11

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
AL4CE205 AVERLOGIC-AL4CE205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205 Datasheet
411Kb / 25P
   64, 256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4225V CYPRESS-CY7C4225V Datasheet
562Kb / 20P
   64/256/512/1K/2K/4K x18 Low-Voltage Synchronous FIFOs
logo
AverLogic Technologies ...
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com