Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P30KP58A Datasheet(PDF) 1 Page - Protek Devices

Part # P30KP58A
Description  30kW power tvs component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P30KP58A Datasheet(HTML) 1 Page - Protek Devices

  P30KP58A Datasheet HTML 1Page - Protek Devices P30KP58A Datasheet HTML 2Page - Protek Devices P30KP58A Datasheet HTML 3Page - Protek Devices P30KP58A Datasheet HTML 4Page - Protek Devices P30KP58A Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05315.R2 3/11
Page 1
P30KP30A - P30KP360A
30kW PoWeR tvs comPonent
DescRiPtion
The P30KP Series, are discrete 30,000 Watt, silicon transient voltage suppressors (TVS) designed for use in applications
where large voltage transients can permanently damage voltage sensitive components and equipment.
The P30KP series is available in voltages ranging from 30V to 360V with 5 percent and 10 percent tolerances. Both
tolerances are referenced to the power supply output or operating voltage level. This series is compatible with IEC
61000-4-5 (Surge) requirements.
FeAtuRes
• Compatible with IEC 61000-4-5 (Surge): 48A, 8/20µs - L3(Line-
Ground), L4(Line-Line) & L1 (Power)
• 30,000 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Unidirectional and Bidirectional Configurations
• Easy Mounting to Printed Circuit Board
• tClamping (0V to V
BR Min.) < 1 x 10
-12
seconds theoretical (Unidirec-
tional) and < 5ns (Bidirectional)
• Available in Multiple Voltages Ranging From 30V to 360V
• RoHS Complaint (Exemption #7)
mechAnicAl chARActeRistics
• Molded Case
• Approximate Weight: 5 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100%: 260-270°C
• Flammability Rating UL 94V-0
APPlicAtions
• Relay Drives
• Motor (Start/Stop) Back EMF Protection
• Module Lightning Protection
• Secondary Lightning Protection for AC/DC
ciRcuit DiAGRAms
AXiAl leAD PAcKAGe
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - P30KP58A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP58A PROTEC-P30KP58A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
P30KP58A PROTEC-P30KP58A Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
More results

Similar Description - P30KP58A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P30KP30A PROTEC-P30KP30A_15 Datasheet
298Kb / 6P
   30kW POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_12 Datasheet
489Kb / 5P
   30kW power tvs component
30KPA30A PROTEC-30KPA30A_11 Datasheet
400Kb / 5P
   30kW power tvs component
P30KP260A PROTEC-P30KP260A Datasheet
405Kb / 5P
   30kW POWER TVS COMPONENT
SM30KPA30A PROTEC-SM30KPA30A Datasheet
347Kb / 6P
   30kW SURFACE MOUNT POWER TVS COMPONENT
SM30KPA30AN PROTEC-SM30KPA30AN Datasheet
389Kb / 7P
   30kW SURFACE MOUNT POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
   POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
   POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
   POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com