Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0402FC12C Datasheet(PDF) 5 Page - Protek Devices

Part # P0402FC12C
Description  250w flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0402FC12C Datasheet(HTML) 5 Page - Protek Devices

  P0402FC12C Datasheet HTML 1Page - Protek Devices P0402FC12C Datasheet HTML 2Page - Protek Devices P0402FC12C Datasheet HTML 3Page - Protek Devices P0402FC12C Datasheet HTML 4Page - Protek Devices P0402FC12C Datasheet HTML 5Page - Protek Devices P0402FC12C Datasheet HTML 6Page - Protek Devices P0402FC12C Datasheet HTML 7Page - Protek Devices P0402FC12C Datasheet HTML 8Page - Protek Devices P0402FC12C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05107.R12 8/10
Page 5
P0402FC3.3C - P0402FC36C
sPiCe MoDel
FiguRe 1
sPiCe MoDel FoR
I/O
GND
ABD
ABD
aBD - avalanche Breakdown Diode (tvs)
taBle 1 - sPiCe PaRaMeteRs
PaRaMeteR
unit
aBD(tvs)
BV
V
See Table 2
IBV
µA
1
C
jo
pF
See Table 2
I
S
A
See Table 2
Vj
V
0.6
M
-
0.33
N
-
1
R
S
-
See Table 2
TT
s
1E-8
EG
eV
1.11
taBle 2 - aBD sPeCiFiC sPiCe PaRaMeteRs
PaRt nuMBeR
B
v(volts)
C
jo(pF)
i
s (aMPs)
R
s(ohMs)
P0402FC3.3C
4.0
150
1E-11
0.20
P0402FC05C
6.0
100
1E-11
0.16
P0402FC08C
8.5
75
1E-13
0.33
P0402FC12C
13.3
50
1E-13
0.51
P0402FC15C
16.7
40
1E-13
0.53
P0402FC24C
26.7
20
1E-13
0.63
P0402FC36C
40.2
15
1E-13
0.73


Similar Part No. - P0402FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402FC12C PROTEC-P0402FC12C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC12C PROTEC-P0402FC12C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC12C PROTEC-P0402FC12C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
P0402FC12C PROTEC-P0402FC12C Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0402FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com