Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC0406FC08C Datasheet(PDF) 8 Page - Protek Devices

Part # LC0406FC08C
Description  200w low capacitance flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0406FC08C Datasheet(HTML) 8 Page - Protek Devices

  LC0406FC08C Datasheet HTML 1Page - Protek Devices LC0406FC08C Datasheet HTML 2Page - Protek Devices LC0406FC08C Datasheet HTML 3Page - Protek Devices LC0406FC08C Datasheet HTML 4Page - Protek Devices LC0406FC08C Datasheet HTML 5Page - Protek Devices LC0406FC08C Datasheet HTML 6Page - Protek Devices LC0406FC08C Datasheet HTML 7Page - Protek Devices LC0406FC08C Datasheet HTML 8Page - Protek Devices LC0406FC08C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05158.R7 2/11
Page 8
LC0406FC3.3C - LC0406FC36C
taPe anD ReeL inFoRMation
oRDeRinG inFoRMation
Base PaRt nuMBeR
(xx = voltage)
LeaDFRee suFFiX
taPe suFFiX
qty/ReeL
ReeL siZe
tuBe qty
LC0406FCxxC
-LF
-T75-1
5,000
7”
n/a
sPeCiFiCations
ReeL Dia.
taPe
wiDth
a0
B0
K0
D
e
F
w
P0
P2
P
tmax
178(7”)
8
0.80 ± 0.10 1.20 ± 0.10 0.70 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.12 2.00 ± 0.05 2.00 ± 0.10
0.25
notes
1. Dimensions in millimeters.
2. Top view of tape. Solder bumps are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000.
6. Marking on reel: part number, date code and lot number.
taPe & ReeL oRientation
Package outline, pad layout and tape specifications per document number 06023.R4 9/09.
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
t
User Direction of Feed
Top Cover
Tape
Triple Die - 0406


Similar Part No. - LC0406FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0406FC08C PROTEC-LC0406FC08C Datasheet
120Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC08C PROTEC-LC0406FC08C Datasheet
81Kb / 6P
   LOW CAPACITANCE FLIP CHIP ARRAY
LC0406FC08C PROTEC-LC0406FC08C Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Similar Description - LC0406FC08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com