Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTS2B50213472 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTS2B50213472
Description  Bead Type for Temperature Sensing/Compensation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTS2B50213472 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  TTS2B50213472 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213472 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213472 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213472 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213472 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTS2B50213472 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NTC Thermistor:
:TTS Type
Bead Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2008.03
Reliability
Item
Standard
Test conditions / Methods
Specifications
Tensile
Strength of
Terminations
IEC 60068-2-21
Gradually applying the force specified and keeping the unit fixed for 10±1 sec
Terminal diameter
Force
(mm)
(Kg)
d≦0.25
0.10
0.25<d≦0.3
0.25
0.3<d≦0.5
0.5
No visible damage
Bending
Strength of
Terminations
IEC 60068-2-21
Hold specimen and apply the force specified below to each lead. Bend the
specimen to 90°, then return to the original positi on. Repeat the procedure in
the opposite direction.
Terminal diameter
Force
(mm)
(Kg)
d≦0.25
0.05
0.25<d≦0.3
0.125
0.3<d≦0.5
0.25
No visible damage
Solderability
IEC 60068-2-20
235 ± 5℃ ,
2 ± 0.5 sec
At least 95% of
terminal
electrode is covered
by
new solder
Resistance to
Soldering
Heat
IEC 60068-2-20
260 ± 5℃ ,
10 ± 1 sec
No visible damage
∣△R25/R25∣≦3 %
High
Temperature
Storage
IEC60068-2-3
100 ± 5℃ , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦5 %
Damp Heat,
Steady State
IEC60068-2-3
40 ± 2℃ ,
90~95% RH , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦3 %
Rapid Change
of
Temperature
IEC60068-2-14
The conditions shown below shall be repeated 5 cycles
Step
Temperature (℃)
Period (minutes)
1
-40±5
30±3
2
Room temperature
5±3
3
100±5
30±3
4
Room temperature
5±3
No visible damage
∣△R25/R25∣≦3 %
Life Test
IEC 60539-1
25 ± 5℃, Pmax. X 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦5 %


Similar Part No. - TTS2B50213472

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TTS2B102F30A1C MERITEK-TTS2B102F30A1C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A1F MERITEK-TTS2B102F30A1F Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A1M MERITEK-TTS2B102F30A1M Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A2C MERITEK-TTS2B102F30A2C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B102F30A2F MERITEK-TTS2B102F30A2F Datasheet
921Kb / 9P
   NTC Thermistors
More results

Similar Description - TTS2B50213472

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com