Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTC05151L Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC05151L
Description  圭5 mm Disc Type for Temperature Sensing/Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC05151L Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TTC05151L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NTC Thermistor:
:TTC05 Series
Ф5 mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Features
1. RoHS compliant & Halogen-free series are available
2.
Body size Ф5mm
3.
Radial lead resin coated
4.
-30 ~ +125℃ operating temperature range
5.
Wide resistance range
6.
Cost effective
7.
Agency recognition :UL /cUL/CSA/TUV/CQC
Recommended Applications
1. Home appliances (air conditioner, refrigerator, electric fan, electric cooker, washing machine,
microwave oven, drinking machine, CTV, radio.)
2. Automotive electronics
3. Computers
4. Digital meter
Part Number Code
Structure and Dimensions
Type
D max.
P
d
A max.
L min.
T max.
Straight lead
6.5
3.5± 0.5
0.5±0.02
6.5
31
5
Inner kink lead
6.5
5± 0.8
0.5±0.02
10
29
5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Product Type
TTC
Thinking
NTC Thermistor
TTC type
Body Size
05
ψ5mm
Zero Power
Resistance
at 25℃ (R25)
R25<100Ω
005:5Ω
015:15Ω
050:50Ω
R25≧100Ω
101:100Ω
682:6800Ω
474:470000Ω
Tolerance of
R25
J
±5%
K
±10%
L
±15%
Appearance
S
Straight lead
I
Kink lead
Optional Suffix
E
RoHS & HF
Compliant
Y
RoHS
compliant
S type (Straight lead)
I type (Inner kink lead)
(Unit: mm)
D
T
A
L
d
P
T
A
L
d
P
D


Similar Part No. - TTC05151L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05101JI ETC2-TTC05101JI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101JS ETC2-TTC05101JS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101KI ETC2-TTC05101KI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101KS ETC2-TTC05101KS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101LI ETC2-TTC05101LI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
More results

Similar Description - TTC05151L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com