Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA03151SP6D2 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # PLA03151SP6D2
Description  For Switching Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PLA03151SP6D2 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  PLA03151SP6D2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PLA03151SP6D2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPTC Thermistor:PL Series
For Switching Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2006.07
Note1: =Tolerance of R25
Note2: **= Code of Tc : P5, P6, P7, P8, P9, A0, A1 or A2.
R-T Characteristic Curve (Representative)
Curie
Temperature
Nominal
Zero-power
Resistance
Withstanding
Voltage
Maximum
Current
Dimensions
Part No.
Tc (℃)
R25(Ω)
VW(VAC)
Imax(mA)
D(mm)
T(mm)
d±0.02(mm) Hmax (mm)
PLA06681**F5
680
650
PLA06102**F5
1000
650
PLA06152**F5
1500
650
PLA06222**F5
2200
650
600
5.5~7.5
3.5~4.5
0.6
11.5
PLA07680**D5
68
450
PLA07101**E0
100
500
PLA07151**E0
150
500
PLA07221**F0
220
600
PLA07331**F0
330
600
PLA07471**F0
470
600
PLA07681**F5
680
650
PLA07102**F5
1000
650
PLA07152**F5
1500
650
PLA07222**F5
(50/60/70/
80/90/100/
110/120)
±10
2200
650
800
6.5~8.5
3.5~4.5
0.6
12.5
1,000,000,000
100,000,000
10,000,000
1,000,000
100,000
10,000
1,000
100
10
1
PLA05680MP8D2~PLA05681MP8F0
Temperature (℃)
0
50
100
150
200
250


Similar Part No. - PLA03151SP6D2

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PLA03A-050-R PHIHONG-PLA03A-050-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-090-R PHIHONG-PLA03A-090-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
PLA03A-120-R PHIHONG-PLA03A-120-R Datasheet
215Kb / 3P
   3.0 Watt - Unregulated Wall Plug
More results

Similar Description - PLA03151SP6D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R218 STMICROELECTRONICS-GS-R218 Datasheet
48Kb / 3P
   27W SWITCHING REGULATOR FOR AUTOMOTIVE APPLICATION
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
FJX4002R FAIRCHILD-FJX4002R Datasheet
42Kb / 4P
   Switching Application
FJX4007R FAIRCHILD-FJX4007R Datasheet
43Kb / 4P
   Switching Application
FJX4009R FAIRCHILD-FJX4009R Datasheet
39Kb / 4P
   Switching Application
FJX4012R FAIRCHILD-FJX4012R Datasheet
32Kb / 3P
   Switching Application
FJX4013R FAIRCHILD-FJX4013R Datasheet
33Kb / 3P
   Switching Application
KSR1003 FAIRCHILD-KSR1003 Datasheet
37Kb / 4P
   Switching Application
KSR1103 FAIRCHILD-KSR1103 Datasheet
56Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com