Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ET720 Datasheet(PDF) 5 Page - Protek Devices

Part # ET720
Description  ultra low capacitance steering diode array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ET720 Datasheet(HTML) 5 Page - Protek Devices

  ET720 Datasheet HTML 1Page - Protek Devices ET720 Datasheet HTML 2Page - Protek Devices ET720 Datasheet HTML 3Page - Protek Devices ET720 Datasheet HTML 4Page - Protek Devices ET720 Datasheet HTML 5Page - Protek Devices ET720 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05165.R6 1/11
Page 5
ET720
TaPE and REEl
oRdERing inFoRMaTion
BasE PaRT nuMBER
lEadFREE suFFiX
TaPE suFFiX
qTy/REEl
REEl siZE
TuBE qTy
ET720
-LF
-T7
1,000
7”
48
ET720
-LF
-T13
2,500
13”
48
sPEciFicaTions
REEl dia.
TaPE
widTh
a0
B0
k0
d
E
F
w
P0
P2
P
tmax
178mm (7”)
16mm 6.50 ± 0.10 10.30 ± 0.10 2.10 ± 0.10 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 16.00 ± 0.30 4.00 ± 0.12 2.00 ± 0.10 4.00 ± 0.10
0.25
noTEs
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T7 = 7” Reel - 1,000 pieces per 16mm tape.
4. Suffix - T13 = 13” Reel - 2,500 pieces per 16mm tape.
5. Bulk product shipped in tubes of 48 pieces per tube.
6. Marking on Part - part number, date code, logo and pin one defined by dot on top of package.
Package outline per document number 06007.R3 1/11.
User Direction of Feed
t
K0
A0
P
D
P0
P2
E
B0
F
W
10 Pitches Cumulative
Tolerance on tape ± 0.2
Pin 1


Similar Part No. - ET720

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET720 PROTEC-ET720 Datasheet
145Kb / 4P
   STEERING DIODE ARRAY
ET720 PROTEC-ET720 Datasheet
74Kb / 4P
   STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
   STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results

Similar Description - ET720

ManufacturerPart #DatasheetDescription
logo
Protek Devices
DALC112S1 PROTEC-DALC112S1_12 Datasheet
513Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_11 Datasheet
474Kb / 6P
   ultra low capacitance steering diode array
SR70 PROTEC-SR70_10 Datasheet
407Kb / 5P
   ultra low capacitance steering diode array
ET721 PROTEC-ET721_12 Datasheet
604Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET720 PROTEC-ET720_12 Datasheet
528Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
ET724 PROTEC-ET724_12 Datasheet
509Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB002 PROTEC-USB002_12 Datasheet
476Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_12 Datasheet
504Kb / 6P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
SR70 PROTEC-SR70_12 Datasheet
422Kb / 5P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
USB208 PROTEC-USB208_12 Datasheet
622Kb / 7P
   ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com