Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUT45282S Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # ZUT45282S
Description  Piezoelectric Ultrasonic Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

ZUT45282S Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  ZUT45282S Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd ZUT45282S Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Piezoelectric Ultrasonic Transducer: ZUT Series
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.07
Specifications
Type
Item
Unit
ZUT45282S
ZUT45402H
Resonant frequency
fo (kHz)
28.0
40.0
Static capacitance
pF
3800
3800
Maximum allowable power
P(W)
50
50
Resonance resistance
<30
<30
Shape
S = Straight
H = Horn


Similar Description - ZUT45282S

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
ZUS040CA001 THINKING-ZUS040CA001 Datasheet
301Kb / 4P
   Piezoelectric Ultrasonic Transducer Sensor
logo
Pepperl+Fuchs Inc.
USI2500-27X13E-3M-V3 PF-USI2500-27X13E-3M-V3 Datasheet
670Kb / 2P
   Ultrasonic transducer
logo
Soberton Inc.
US-4112 SOBERTON-US-4112 Datasheet
242Kb / 5P
   US ULTRASONIC TRANSDUCER
logo
Murata Manufacturing Co...
MASPOPRE MURATA-MASPOPRE Datasheet
248Kb / 6P
   Reference specification of Ultrasonic Transducer
logo
Texas Instruments
PGA460 TI1-PGA460 Datasheet
1Mb / 114P
[Old version datasheet]   Ultrasonic Signal Processor and Transducer Driver
PGA460-Q1 TI1-PGA460-Q1 Datasheet
1Mb / 112P
[Old version datasheet]   Automotive Ultrasonic Signal Processor and Transducer Driver
logo
ELMOS Semiconductor AG
E524.08 ELMOS-E524.08 Datasheet
207Kb / 2P
   2nd Generation Ultrasonic Transducer Driver and Signal Processor
logo
PUI audio inc.
AT-1740-TT-3-R PUIAUDIO-AT-1740-TT-3-R Datasheet
464Kb / 3P
   17mm diameter piezoelectric transducer with ultra-low 1 mA current draw
logo
Fujitsu Component Limit...
FAR-C4CG-08000-M05 FUJITSU-FAR-C4CG-08000-M05 Datasheet
200Kb / 9P
   Piezoelectric Resonator
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com