Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPD08180NP9B2 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08180NP9B2
Description  Overload Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08180NP9B2 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08180NP9B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08180NP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CPTC Thermistor:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2008.04
Features
1. RoHS compliant
2. PPD type are naked
3. PPL type are leaded
4. Low, medium and high voltage ratings
5. Low resistance; Small size
6. No need to reset supply after overload
7. No noise generated
8. Stable over a long time
9. Operating temperature range:0 ~ +60°C (V=Vmax)
-25 ~ +125°C (V=0)
10. Agency Recognition: UL /cUL / CQC/TUV
Recommended Applications
1. Telecommunications (Program-controller)
2. Electrical equipment (Electrical machinery,Transformer)
3. Automotive electronics
Part Number Code
P
P
L
1
2
2
7
0
M
A
2
B
7
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Product Code
PP
PTC
Thermistor for
Overload
Protection
Series
D
Disc Type
L
Lead Type
Dimensions
07
ψ7mm
12
ψ12mm
Resistance (R25)
2R0
270
27Ω
102
1KΩ
Tolerance of R25
M
±20%
H
±25%
N
±30%
T
±40%
P
±50%
S
+35%~-15%
Q
+30%~-20%
Y
Special
Curie Temperature
P0
0℃
P8
80℃
A0
100℃
A2
120℃
A4
140℃
Voltage
06
6VAC
99
99VAC
A4
140VAC
B7
270VAC
C8
380VAC
E9
590VAC
F0
600VAC
J0
1000VAC
Packaging
B(Y)
Bulk
A(X)
Ammo Box
Pitch 12.7mm
E(V)
Ammo Box
Pitch 15mm
R(W)
Taping & Reel
Pitch 12.7mm
F(U)
Taping & Reel
Pitch 15mm
Optional
Suffix
Note:
The code in ( ) is for
RoHS control.


Similar Part No. - PPD08180NP9B2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD08180NP9B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com