Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPD08100NP9B2 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # PPD08100NP9B2
Description  Overload Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PPD08100NP9B2 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  PPD08100NP9B2 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PPD08100NP9B2 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
CPTC Thermistor:
:PP Series
Overload Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2008.04
24VAC/ 140℃
42VAC/ 80℃
42VAC/ 160℃
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL056R0□A424
6.0
270
540
24
2.5
7.0
5.0
0.6
10.5
PPL05130□A424
13
180
360
24
1.7
7.0
5.0
0.6
10.5
PPL073R0□A424
3.0
410
820
24
4.5
9.0
5.0
0.6
12.5
PPL075R0□A424
5.0
320
640
24
3.5
9.0
5.0
0.6
12.5
PPL081R9□A424
1.9
540
1080
24
6.0
10
5.0
0.6
13.5
PPL082R5□A424
2.5
470
940
24
5.0
10
5.0
0.6
13.5
PPL101R3□A424
1.3
700
1400
24
8.0
12
5.0
0.6
15.5
PPL101R7□A424
1.7
610
1220
24
7.0
12
5.0
0.6
15.5
PPL120R9□A424
0.9
920
1840
24
11.0
14
5.0
0.6
17.5
PPL121R1□A424
1.1
830
1660
24
10.0
14
5.0
0.6
17.5
PPL160R5□A424
0.5
1390
2780
24
16.0
17.5
5.0
0.6
21.5
PPL160R7□A424
0.7
1170
2340
24
13.5
17.5
5.0
0.6
21.5
PPL200R3□A424
0.3
2050
4100
24
23.0
22
5.0
0.6
25.5
PPL200R4□A424
140±10
0.4
1770
3540
24
20.0
22
5.0
0.6
25.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL06150□P842
15
60
230
42
1.5
8.0
4.0
0.6
11.5
PPL06220□P842
22
45
220
42
1.1
8.0
4.0
0.6
11.5
PPL06330□P842
33
40
180
42
0.9
8.0
4.0
0.6
11.5
PPL06470□P842
47
35
150
42
0.7
8.0
4.0
0.6
11.5
PPL06560□P842
80±10
56
30
140
42
0.7
8.0
4.0
0.6
11.5
Curie
Temperature
Nominal
Zero-power
Resistance
Non-
operating
Current at
25℃
Trip
Current
at 25℃
Voltage
Maximum
Current
Dimensions
Safety
Approvals
Part No.
Tc (℃)
R25 ( )
IN (mA)
It (mA)
VR(VAC)
Imax(A)
Dmax
(mm)
Tmax
(mm)
d±0.02
(mm)
Hmax
(mm)
UL
cUL CQC TUV
PPL03510□A642
51
55
165
42
0.6
5.0
4.0
0.5
8.5
PPL05240□A642
24
95
285
42
1.0
7.0
4.0
0.6
10.5
PPL089R1□A642
9.1
175
525
42
3.0
10
4.0
0.6
13.5
PPL095R1□A642
5.1
290
870
42
4.5
11
4.0
0.6
14.5
PPL113R6□A642
160±10
3.6
360
1080
42
5.0
13.5
4.0
0.6
16.5


Similar Part No. - PPD08100NP9B2

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PPD 3M-PPD Datasheet
156Kb / 3P
   3M??Fire Barrier Plastic Pipe Device (PPD)
logo
M-System Co.,Ltd.
PPD MSYSTEM-PPD Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K MSYSTEM-PPD-A1A1N-K Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-K/Q MSYSTEM-PPD-A1A1N-K/Q Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
PPD-A1A1N-P MSYSTEM-PPD-A1A1N-P Datasheet
157Kb / 5P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - PPD08100NP9B2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
STMicroelectronics
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
   Overload protection
March 2012 Rev 1
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
   Thermal overload protection
November 2016 Rev 34
logo
EPCOS
B59707-A1120-A62 EPCOS-B59707-A1120-A62 Datasheet
43Kb / 2P
   Overload Protection SMDs
logo
M.S. Kennedy Corporatio...
MSK5212 MSK-MSK5212 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5214 MSK-MSK5214 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7805 ISC-LM7805 Datasheet
239Kb / 2P
   Internal thermal overload protection
logo
M.S. Kennedy Corporatio...
MSK5211 MSK-MSK5211 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
MSK5213 MSK-MSK5213 Datasheet
151Kb / 6P
   Internal Thermal Overload Protection
logo
Inchange Semiconductor ...
LM7812 ISC-LM7812 Datasheet
240Kb / 2P
   Internal thermal overload protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com