Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPM1S221N105R Datasheet(PDF) 11 Page - Thinking Electronic Industrial Co.,Ltd

Part # TPM1S221N105R
Description  SMD PTC Thermistor for Temperature Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1S221N105R Datasheet(HTML) 11 Page - Thinking Electronic Industrial Co.,Ltd

Back Button TPM1S221N105R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd TPM1S221N105R Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
PTC Thermistor:
:TPM-S Series
SMD PTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
11
www.thinking.com.tw
2011.05
All specifications are subject to change without notice
(Unit: mm)
A0
B0
W
E
F
P1
P2
P0
D0
K0
Index
Type
±0.2
±0.2
±0.2
±0.1
±0.05
±0.1
±0.05
±0.1
±0.1
±0.1
0603
1.1
1.9
8
1.75
3.5
4
2
4
1.55
0.95
0805
1.5
2.3
8
1.75
3.5
4
2
4
1.55
0.95
Quantity
Type
Quantity(pcs/reel)
0402
10,000
0603
4,000
0805
3,500
Storage Conditions of Products
Storage Conditions :
1. Storage Temperature: -10℃~+40℃
2. Relative Humidity: ≦75%RH
3. Keep away from corrosive atmosphere and sunlight.
Period of Storage : 1 year


Similar Part No. - TPM1S221N105R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TPM1S471P065RA THINKING-TPM1S471P065RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
TPM1S471P075RA THINKING-TPM1S471P075RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
TPM1S471P085RA THINKING-TPM1S471P085RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
TPM1S471P095RA THINKING-TPM1S471P095RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
TPM1S471P105RA THINKING-TPM1S471P105RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
More results

Similar Description - TPM1S221N105R

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com