Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPM0S102P115RT Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # TPM0S102P115RT
Description  SMD PTC Thermistor for Temperature Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM0S102P115RT Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

Back Button TPM0S102P115RT Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd TPM0S102P115RT Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PTC Thermistor:
:TPM-S Series
SMD PTC Thermistor for Temperature Sensing
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
8
www.thinking.com.tw
2011.05
All specifications are subject to change without notice
Soldering Recommendation
IR-Reflow Soldering Profile
Recommended Reworking Conditions with Soldering Iron
Item
Conditions
Temperature of Soldering Iron-tip
360℃ (max.)
Diameter of Soldering Iron-tip
Φ3mm (max.)
Soldering Time
3 sec (max.)
Caution:
Please do not touch the component surface with soldering iron directly to avoid its damage.
3℃/sec
(max.)
60~180 sec
20~40
sec
Time
Cooling
Peak temp
255~260℃
150~200℃
Tamb
3℃/sec
(max.)
6℃/sec
(max.
)
217℃
60~150 sec
8 minutes max
Preheating


Similar Part No. - TPM0S102P115RT

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
TPM001 BURKERT-TPM001 Datasheet
1Mb / 13P
   Air preparation units
18.03.2020
More results

Similar Description - TPM0S102P115RT

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Texas Instruments
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
Murata Manufacturing Co...
PTH451 MURATA-PTH451 Datasheet
45Kb / 1P
   PTC THERMISTOR FOR DEGAUSSING
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Microchip Technology
AN897 MICROCHIP-AN897 Datasheet
429Kb / 16P
   Thermistor Temperature Sensing with MCP6SX2 PGAs
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com