Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1355C Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1355C
Description  9-Mbit (256 K x 36 / 512 K x 18) Flow-through SRAM with NoBL Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1355C Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1355C_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 12Page - Cypress Semiconductor CY7C1355C_11 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1355C, CY7C1357C
Document Number: 38-05539 Rev. *H
Page 9 of 32
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
synchronous
Address inputs used to select one of the address locations. Sampled at the rising edge
of the CLK. A[1:0] are fed to the two-bit burst counter.
BWA, BWB
BWC, BWD
Input-
synchronous
Byte write inputs, active LOW. Qualified with WE to conduct writes to the SRAM. Sampled
on the rising edge of CLK.
WE
Input-
synchronous
Write enable input, active LOW. Sampled on the rising edge of CLK if CEN is active LOW.
This signal must be asserted LOW to initiate a write sequence.
ADV/LD
Input-
synchronous
Advance/load input. Used to advance the on-chip address counter or load a new address.
When HIGH (and CEN is asserted LOW) the internal burst counter is advanced. When LOW,
a new address can be loaded into the device for an access. After being deselected, ADV/LD
should be driven LOW in order to load a new address.
CLK
Input-
clock
Clock input. Used to capture all synchronous inputs to the device. CLK is qualified with
CEN. CLK is only recognized if CEN is active LOW.
CE1
Input-
synchronous
Chip enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2, and CE3 to select/deselect the device.
CE2
Input-
synchronous
Chip enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE3 to select/deselect the device.
CE3
Input-
synchronous
Chip enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select/deselect the device.
OE
Input-
asynchronous
Output enable, asynchronous input, active LOW. Combined with the synchronous logic
block inside the device to control the direction of the I/O pins. When LOW, the I/O pins are
allowed to behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as
input data pins. OE is masked during the data portion of a write sequence, during the first
clock when emerging from a deselected state, when the device has been deselected.
CEN
Input-
synchronous
Clock enable input, active LOW. When asserted LOW the clock signal is recognized by
the SRAM. When deasserted HIGH the clock signal is masked. Since deasserting CEN
does not deselect the device, CEN can be used to extend the previous cycle when required.
ZZ
Input-
asynchronous
ZZ “sleep” input. This active HIGH input places the device in a non-time critical “sleep”
condition with data integrity preserved. For normal operation, this pin has to be LOW or left
floating. ZZ pin has an internal pull-down.
DQs
I/O-
synchronous
Bidirectional data I/O lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the
memory location specified by the addresses presented during the previous clock rise of the
read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the
pins behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.The
outputs are automatically tri-stated during the data portion of a write sequence, during the
first clock when emerging from a deselected state, and when the device is deselected,
regardless of the state of OE.
DQPX
I/O-
synchronous
Bidirectional data parity I/O lines. Functionally, these signals are identical to DQs. During
write sequences, DQPX is controlled by BWX correspondingly.
MODE
Input strap pin
Mode input. Selects the burst order of the device. When tied to Gnd selects linear burst
sequence. When tied to VDD or left floating selects interleaved burst sequence.
VDD
Power supply
Power supply inputs to the core of the device.
VDDQ
I/O power supply Power supply for the I/O circuitry.
VSS
Ground
Ground for the device.
TDO
JTAG serial output
synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the JTAG
feature is not being utilized, this pin should be left unconnected. This pin is not available on
TQFP packages.
TDI
JTAG serial input
synchronous
Serial data-in to the JTAG circuit. Sampled on the rising edge of TCK. If the JTAG feature
is not being utilized, this pin can be left floating or connected to VDD through a pull-up
resistor. This pin is not available on TQFP packages.
[+] Feedback


Similar Part No. - CY7C1355C_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1355C-117AC CYPRESS-CY7C1355C-117AC Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C-117AI CYPRESS-CY7C1355C-117AI Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C-117BGC CYPRESS-CY7C1355C-117BGC Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C-117BGI CYPRESS-CY7C1355C-117BGI Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
CY7C1355C-117BZC CYPRESS-CY7C1355C-117BZC Datasheet
497Kb / 32P
   9-Mbit (256K x 36/512K x 18) Flow-Through SRAM with NoBL Architecture
More results

Similar Description - CY7C1355C_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1371DV33 CYPRESS-CY7C1371DV33 Datasheet
919Kb / 29P
   18-Mbit (512 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1353G CYPRESS-CY7C1353G_13 Datasheet
552Kb / 19P
   4-Mbit (256 K x 18) Flow-Through SRAM with NoBL??Architecture
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1363D CYPRESS-CY7C1363D Datasheet
755Kb / 22P
   9-Mbit (512 K x 18) Flow-Through SRAM
CY7C1461AV33 CYPRESS-CY7C1461AV33_11 Datasheet
1Mb / 34P
   36-Mbit (1 M x 36/2 M x 18/512 k x 72) Flow-Through SRAM with NoBL Architecture
CY7C1351G CYPRESS-CY7C1351G_13 Datasheet
567Kb / 21P
   4-Mbit (128 K x 36) Flow-Through SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1370D CYPRESS-CY7C1370D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com