Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMC5S125-16 Datasheet(PDF) 8 Page - Thinking Electronic Industrial Co.,Ltd

Part # KMC5S125-16
Description  Polymer PTC Resettable Fuse
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KMC5S125-16 Datasheet(HTML) 8 Page - Thinking Electronic Industrial Co.,Ltd

Back Button KMC5S125-16 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 10Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 11Page - Thinking Electronic Industrial Co.,Ltd KMC5S125-16 Datasheet HTML 12Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Polymer PTC Resettable Fuse:
:KMC Series
SMD Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
8
www.thinking.com.tw
2009.12
All specifications are subject to change without notice.
Thermal Derating Chart –Ihold / Itrip (Amps)
Ambient Operation Temperature
Model
-40℃
-20℃
0℃
23℃
40℃
50℃
60℃
70℃
85℃
KMC3S005
0.0725
0.063
0.057
0.05
0.043
0.038
0.035
0.03
0.026
KMC3S010
0.145
0.33
0.115
0.10
0.085
0.075
0.07
0.06
0.055
KMC3S012
0.20
0.17
0.15
0.12
0.11
0.10
0.09
0.08
0.07
KMC3S016
0.21
0.20
0.18
0.16
0.14
0.13
0.12
0.11
0.09
KMC3S020
0.34
0.30
0.26
0.20
0.17
0.15
0.13
0.11
0.08
KMC3S025
0.37
0.33
0.29
0.25
0.22
0.20
0.17
0.15
0.12
KMC3S035
0.50
0.45
0.40
0.35
0.30
0.27
0.24
0.21
0.15
KMC3S050
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
KMC3S050-15
0.71
0.64
0.57
0.50
0.42
0.39
0.35
0.31
0.25
KMC3S075
1.14
1.01
0.88
0.75
0.65
0.59
0.54
0.49
0.41
KMC3S100
1.45
1.31
1.15
1.00
0.84
0.77
0.69
0.61
0.48
KMC3S110
1.64
1.46
1.30
1.06
0.92
0.83
0.80
0.65
0.52
KMC3S150
2.18
1.94
1.72
1.50
1.28
1.17
1.06
0.96
0.77
KMC3S200
3.56
3.08
2.60
2.00
1.79
1.64
1.50
1.36
1.14
1206 Series
Temperature (℃)


Similar Part No. - KMC5S125-16

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KMC500E105M32N0T00 CHEMI-CON-KMC500E105M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E155M32N0T00 CHEMI-CON-KMC500E155M32N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E225M43N0T00 CHEMI-CON-KMC500E225M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E334M31N0T00 CHEMI-CON-KMC500E334M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC500E335M43N0T00 CHEMI-CON-KMC500E335M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - KMC5S125-16

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KSM0150120 THINKING-KSM0150120 Datasheet
194Kb / 4P
   Polymer PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
SMD1210 HUAXINAN-SMD1210 Datasheet
253Kb / 2P
   Resettable Fuse PTC
JK130010 HUAXINAN-JK130010 Datasheet
302Kb / 2P
   Resettable Fuse PTC
JK30075 HUAXINAN-JK30075 Datasheet
321Kb / 3P
   Resettable Fuse PTC
JK-MSMD010 HUAXINAN-JK-MSMD010 Datasheet
269Kb / 2P
   Resettable Fuse PTC
JK-SMD0805-010 HUAXINAN-JK-SMD0805-010 Datasheet
251Kb / 2P
   Resettable Fuse PTC
logo
Bourns Electronic Solut...
MF-LL190 BOURNS-MF-LL190 Datasheet
235Kb / 2P
   PTC Resettable Fuse
logo
HuaXinAn Electronics CO...
JK60005 HUAXINAN-JK60005 Datasheet
304Kb / 2P
   Resettable Fuse PTC
SMD2920 HUAXINAN-SMD2920 Datasheet
311Kb / 2P
   Resettable Fuse PTC
JK6075 HUAXINAN-JK6075 Datasheet
284Kb / 2P
   Resettable Fuse PTC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com