Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSH0200900 Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # KSH0200900
Description  Strap Type KSH Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KSH0200900 Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  KSH0200900 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KSH0200900 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KSH0200900 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KSH0200900 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Polymer PTC Resettable Fuse:
:KSH Series
Strap Type KSH Series
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2006.06
All specifications are subject to change without notice.
Reliability test
Item
Test condition/methods
Criteria
Passive aging
70℃, 1000hrs
±10% typical resistance change
Humidity storage
40℃, 95%RH, 1344hrs
Mil-Std 202, method 103 condition D
±5% typical resistance change
Cycle life
50 cycles at a 120% maximum current (Imax) and
maximum voltage (Vmax).
UL 1434
Normal Appearance
Trip endurance
Vmax, Imax, 48Hrs
Normal Appearance
Steady-state operating life
Vmax, Iss, 1000hrs
Mil-Std 750, method 1026
Normal Appearance
Packaging
Bulk packing
Ammo packing
Carton packing
Storage condition of products
( I ) Storage Conditions :
1.Storage Temperature : -10℃~+40℃
2.Relative humidity : ≦75%RH
3.Thermistors must be kept away from sunlight and stored in a non-corrosive atmosphere.
( II ) Period of Storage : 1 year
Series
Quantity PCS/Bag
KSH (0170~0260)
1000
KSH (0310~1410)
500
Series
Quantity PCS/Box
KSH (0170~0260)
10000
KSH (0310~1410)
5000
Series
Quantity PCS/Box
KSH (0170~0260)
60000
KSH (0310~1410)
30000


Similar Part No. - KSH0200900

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSH112 FAIRCHILD-KSH112 Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
logo
Inchange Semiconductor ...
KSH112 ISC-KSH112 Datasheet
331Kb / 3P
   isc Silicon NPN Power Transistor
logo
Fairchild Semiconductor
KSH112-I FAIRCHILD-KSH112-I Datasheet
57Kb / 6P
   D-PAK for Surface Mount Applications
KSH112I FAIRCHILD-KSH112I Datasheet
63Kb / 6P
   D-PAK for Surface Mount Applications
KSH112TM FAIRCHILD-KSH112TM Datasheet
62Kb / 6P
   D-PAK for Surface Mount Applications
More results

Similar Description - KSH0200900

ManufacturerPart #DatasheetDescription
logo
RFE international
FLR190F RFE-FLR190F Datasheet
129Kb / 1P
   STRAP TYPE PPTC FLR Series
logo
Thinking Electronic Ind...
KSL0150070 THINKING-KSL0150070 Datasheet
166Kb / 4P
   Strap Type KSL Series
KSV0120170 THINKING-KSV0120170 Datasheet
142Kb / 5P
   Strap Type KSV Series
logo
RFE international
FLT070F RFE-FLT070F Datasheet
120Kb / 1P
   STRAP TYPE PPTC FLT Series
FSR120F RFE-FSR120F Datasheet
111Kb / 2P
   STRAP TYPE PPTC FSR Series
logo
List of Unclassifed Man...
L-1011-9 ETC2-L-1011-9 Datasheet
37Kb / 1P
   CHO-STRAP INSULATED GROUND STRAP
logo
EPCOS
B72240L0131K100 EPCOS-B72240L0131K100 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
B72250L0131K100 EPCOS-B72250L0131K100 Datasheet
84Kb / 5P
   Strap Varistors
logo
Socay Electornics Co., ...
JK-P070 SOCAY-JK-P070 Datasheet
315Kb / 4P
   Axial Lead Battery Strap Type Resettable Polymer PTCs
logo
List of Unclassifed Man...
BT-BS-609-ENV ETC-BT-BS-609-ENV Datasheet
136Kb / 1P
   STRAP WRENCH ENVELOPE DRAWING
REV. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com