Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHRA1301300P7A4 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # PHRA1301300P7A4
Description  CPTC Thermistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PHRA1301300P7A4 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  PHRA1301300P7A4 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PHRA1301300P7A4 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
Characteristics
PHR Series
Part No.
Note:
=Tolerance of R25
Dimensions
Nominal
Zero-power
Resistance
Rated
Voltage
Tc (
)
Ts (
)
R(
)
25
V(V)
R
Curie
Temperature
Maximum
Voltage
V(V)
max
Surface
Temperature
A 1(mm)
C 0.2(mm)
B
1(mm)
PHRA1301
P7A4
PHRA1181
P7A4
PHRA1701
P8B7
PHRA2501
P9B7
PHRA3801
B1B7
PHRA2301
B3A4
PHRA2701
B4B7
PHRA4501
B4B7
70
70
80
90
210
230
240
240
85
90
100
110
230
250
255
255
300
180
700
500
800
300
700
500
100/120
100/120
220/240
220/240
220/240
100/120
220/240
220/240
140
140
270
270
270
140
270
270
16
16
16
23.5
19
23.5
23.5
36
11
11
11
10
12
10
10
6
2.5
2.5
2.5
2.2
2.2
2.2
2.2
2.3
Item
Test Condition / Methods
Standard
Rapid Change of
Temperature
Temperature Coefficient of
Resistance
Endurance at Upper
Category Temperature
Endurance at Maximum
Operating Temperature and
Maximum Voltage
Endurance at Room
Temperature (Cycling)
Damp Heat Steady State
T
Tc+25
Tc+10
Tc
=ln(R
/R
)
15
R =2Rmin
Voltage: V
Temperature: UCT
Duration: 1000 hrs
max
Voltage: V
Number of cycle 10,000 or 100,000
max
Temperature: 25 5
Temperature: 40
5
Relative humidity of air: 95
98%Rh
Duration: 1000 hrs
T =LCT T =UCT
Number of cycles:5
Duration: 30 min
AB
Temperature: UCT
Duration: 1000 hrs
IEC60068-2-14
Test Na
IEC 60738-1
IEC 60738-1
IEC 60738-1
IEC 60738-1
IEC 60068-2-3
Test Ca
Reliability Test
Issue Date: July, 2004


Similar Part No. - PHRA1301300P7A4

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PHRA1301300P7A4 THINKING-PHRA1301300P7A4 Datasheet
46Kb / 2P
   CPTC Thermistor
More results

Similar Description - PHRA1301300P7A4

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
TPM1S471P065RA THINKING-TPM1S471P065RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
TPM1P330M100R THINKING-TPM1P330M100R Datasheet
173Kb / 7P
   SMD CPTC Thermistor for Over-Current Protection
logo
Bourns Electronic Solut...
CMF-RL10 BOURNS-CMF-RL10 Datasheet
319Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-RD50 BOURNS-CMF-RD50 Datasheet
246Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SDP07 BOURNS-CMF-SDP07 Datasheet
371Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-SD BOURNS-CMF-SD Datasheet
334Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com