Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRL1200135 Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRL1200135
Description  KRL120 Radial Leaded Type 120V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRL1200135 Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  KRL1200135 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd KRL1200135 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Polymer PTC Resettable Fuse:
:KRL Type
KRL120 Radial Leaded Type 120V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2009.12
All specifications are subject to change without notice
Electrical Characteristics(@
@23℃
℃)
Max. Time to Trip
Resistance
Agency
Approval
Vmax.
Imax.
Ihold
Itrip
Pd
(Typ.)
Current
Time
Initial
(Ri Min.)
Post trip
(R1 Max.)
Part No.
(VAC)
(A)
(A)
(A)
(W)
(A)
(Sec.)
( )
( )
UL/cUL
TUV
KRL1200010
120
2.0
0.10
0.20
0.84
0.50
10.0
3.00
7.50
KRL1200017
120
2.0
0.17
0.34
0.84
0.85
10.0
2.00
7.00
KRL1200020
120
2.0
0.20
0.40
1.08
1.00
9.0
1.83
4.40
KRL1200025
120
3.0
0.25
0.50
1.08
1.25
7.5
1.25
3.00
KRL1200030
120
3.0
0.30
0.60
1.44
1.50
8.5
0.88
2.10
KRL1200040
120
3.0
0.40
0.80
1.44
2.00
6.5
0.55
1.29
KRL1200050
120
3.0
0.50
1.00
1.56
2.50
6.0
0.50
1.17
KRL1200065
120
5.0
0.65
1.30
1.68
3.25
5.7
0.31
0.72
KRL1200070
120
5.0
0.75
1.50
1.80
3.75
6.3
0.25
0.60
KRL1200075
120
7.5
0.75
1.50
2.64
3.75
15.0
0.25
0.69
KRL1200090
120
5.0
0.90
1.80
1.80
4.50
7.20
0.20
0.47
KRL1200100
120
10.0
1.00
2.00
2.64
5.00
15.0
0.18
0.47
KRL1200110
120
8.0
1.10
2.20
2.28
5.50
8.2
0.15
0.38
KRL1200125
120
12.5
1.25
2.50
2.88
6.25
20.0
0.11
0.33
KRL1200130
120
10.0
1.35
2.70
2.64
6.75
9.6
0.12
0.30
KRL1200135
120
13.5
1.35
2.70
3.12
6.75
20.0
0.11
0.30
KRL1200160
120
12.0
1.60
3.20
3.12
8.00
11.4
0.09
0.22
KRL1200185
120
12.0
1.85
3.70
3.36
9.25
12.6
0.08
0.19
KRL1200200
120
20.0
2.00
4.20
4.32
10.00
36.0
0.08
0.21
KRL1200250
120
15.0
2.50
5.00
4.44
12.50
15.6
0.05
0.13
KRL1200300
120
17.0
3.00
6.00
4.56
15.00
19.8
0.04
0.10
KRL1200375
120
20.0
3.75
7.50
4.80
18.75
24.0
0.03
0.08
Note: UL&cUL File no. E138827
TUV File No. R50166228


Similar Part No. - KRL1200135

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400008 THINKING-KRL2400008 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400012 THINKING-KRL2400012 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400016 THINKING-KRL2400016 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
KRL2400025 THINKING-KRL2400025 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results

Similar Description - KRL1200135

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com