Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB83R470NT Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GB83R470NT
Description  3-Electrode 8.0T10 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GB83R470NT Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GB83R470NT Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GB83R470NT Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GB83R470NT Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GB83R470NT Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tube: GB8 Series
3-Electrode Φ8.0*T10 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Characteristics
DC
Breakdown
Voltage
Max. Impulse
Breakdown
Voltage
Impulse
Discharge
Current
(8/20µs)
Impulse
Life
(10/1000µs)
Normal
Alternating
Discharge
Current
DC
Holdover
voltage
(100V/S)
100V/µs
1KV/µs
10 times
(5 times each
polarity)
200 A
50Hz,1Sec
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
497B
GB83R075□□(F)
75±20%
600
700
52
GB83R090□□(F)
90±20%
600
700
52
GB83R145□□(F)
145±20%
500
700
52
GB83R200□□(F)
200±20%
500
700
135
GB83R230□□(F)
230±20%
600
700
135
GB83R250□□(F)
250±20%
600
700
135
GB83R300□□(F)
300±20%
700
900
150
GB83R350□□(F)
350±20%
700
900
150
GB83R400□□(F)
400±20%
800
1000
150
GB83R420□□(F)
420±20%
800
1000
150
GB83R470□□(F)
470±20%
900
1000
150
GB83R600□□(F)
600±20%
1000
1100
20
130
20
150
10
2
Note1:The first □ is the style of lead wire, the second □ is packaging.
Note2:F = With fail-safe clip for optional.
Note 3: UL / 497B→ File No. E245070
Note 4: Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
75-90V
50V
145-400V
100V
420-600V
250V


Similar Part No. - GB83R470NT

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GB80 GPSEMI-GB80 Datasheet
119Kb / 2P
   BOX CLAMP FOR HOCKEY PUKS
logo
TDK Electronics
GB80-21 TDK-GB80-21 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P208 TDK-GB80-65-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P400 TDK-GB80-65-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P480 TDK-GB80-65-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GB83R470NT

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
   3-Electrode 6.08.0 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
   SMD 2-Electrode 6.2T4.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
logo
EPCOS
B88069X2601B502 EPCOS-B88069X2601B502 Datasheet
83Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-L JUXING-JX3R-L Datasheet
1Mb / 3P
   3-Electrode arrester
logo
EPCOS
B88069X5870B502 EPCOS-B88069X5870B502 Datasheet
64Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-F JUXING-JX3R-F Datasheet
1Mb / 3P
   3-Electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com