Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRL2400040 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRL2400040
Description  KRL240 Radial Leaded Type 240V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRL2400040 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  KRL2400040 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRL2400040 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRL2400040 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRL2400040 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRL2400040 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Polymer PTC Resettable Fuse:
:KRL Type
KRL240 Radial Leaded Type 240V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2009.12
All specifications are subject to change without notice
Features
1. RoHS compliant
2. Radial leaded devices
3. Current ratings from 0.05A ~ 0.55A
4. Maximum operating voltage: 240 VAC
5. Operating temperature range : -40 ~ +85℃
6. Agency Approval: UL/cUL/TUV
Recommended Applications
1. Motors, fans and blowers
2. Power supplies
3. Transformers
4. Industrial controllers
Part Number Code
K
R
L
2
4
0
0
0
0
5
S
B
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Optional Suffix
Y
RoHS compliant
Ihold
0005
0.05A
0008
0.08A
0016
0.16A
0025
0.25A
0033
0.33A
0040
0.40A
0055
0.55A
Appearance
S
Straight lead
I
Inner kink lead
Packaging
R
Reel
B
Bulk
Product Code
K
Thinking
PPTC
thermistor
Form Factor
R
Radial
Max. Operating
Voltage
240
240V
Usage
L
Line
voltage


Similar Part No. - KRL2400040

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200017 THINKING-KRL1200017 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200020 THINKING-KRL1200020 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200025 THINKING-KRL1200025 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200030 THINKING-KRL1200030 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
More results

Similar Description - KRL2400040

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com