Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1081DV33-12BAXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1081DV33-12BAXI
Description  64-Mbit (4 M x 16) Static RAM 2.0-V data retention
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1081DV33-12BAXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1081DV33-12BAXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1081DV33-12BAXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C1081DV33
Document #: 001-53992 Rev. *C
Page 5 of 13
Figure 2. AC Test Loads and Waveforms[2]
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Typ
Max
Unit
VDR
VCC for data retention
2
V
ICCDR
Data retention current
VCC=2V,CE1 > VCC – 0.2 V, CE2 < 0.2 V,
VIN > VCC – 0.2 V or VIN < 0.2 V
––
100
mA
tCDR[3]
Chip deselect to data
retention time
0–
ns
tR[4]
Operation recovery time
12
ns
Figure 3. Data Retention Waveform
90%
10%
3.0 V
GND
90%
10%
ALL INPUT PULSES
3.3 V
OUTPUT
5 pF*
INCLUDING
JIG AND
SCOPE
(b)
R1 317
R2
351
RISE TIME:
FALL TIME:
> 1 V/ns
(c)
OUTPUT
50
Z0 = 50 
VTH = 1.5 V
30 pF*
* CAPACITIVE LOAD CONSISTS
OF ALL COMPONENTS OF THE
TEST ENVIRONMENT
HIGH-Z CHARACTERISTICS:
(a)
> 1 V/ns
3.0 V
3.0 V
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE1
VCC
CE2
Notes
2. Valid SRAM operation does not occur until the power supplies reach the minimum operating VDD (3.0 V). 100 s (tpower) after reaching the minimum operating VDD,
normal SRAM operation begins to include reduction in VDD to the data retention (VCCDR, 2.0 V) voltage.
3. Tested initially and after any design or process changes that may affect these parameters.
4. Full device operation requires linear VCC ramp from VDR to VCC(min) > 50 s or stable at VCC(min) > 50 s.
[+] Feedback


Similar Part No. - CY7C1081DV33-12BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1081DV33-12BAXI CYPRESS-CY7C1081DV33-12BAXI Datasheet
466Kb / 12P
   64-Mbit (4 M x 16) Static RAM
More results

Similar Description - CY7C1081DV33-12BAXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1081DV33 CYPRESS-CY7C1081DV33 Datasheet
466Kb / 12P
   64-Mbit (4 M x 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
   64-Mbit (4 M 횞 16) Static RAM
CY7C1041BN_1105 CYPRESS-CY7C1041BN_1105 Datasheet
350Kb / 13P
   256 K x 16 Static RAM 2.0 V data retention (400 uW at 2.0 V retention)
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY62187EV30_1106 CYPRESS-CY62187EV30_1106 Datasheet
420Kb / 15P
   64-Mbit (4 M x 16) Static RAM Ultra low standby power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY62146E CYPRESS-CY62146E_11 Datasheet
463Kb / 14P
   4-Mbit (256K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com