Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRT2500011XXU Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRT2500011XXU
Description  Radial Leaded Type KRT250 For Telecom Application
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRT2500011XXU Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  KRT2500011XXU Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRT2500011XXU Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRT2500011XXU Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRT2500011XXU Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRT2500011XXU Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd KRT2500011XXU Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Polymer PTC Resettable Fuse:
:KRT Series
Radial Leaded Type KRT250 For Telecom Application
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2009.10
All specifications are subject to change without notice
Features
1. RoHS compliant
2. Broadest range of resettable devices available in the industry
3. Current ratings from 0.08 to 0.18A
4. Maximum operating voltage is 60V, maximum interrupt voltage
is 250V
5. Operating temperature range : -40 ~ +85℃
6. Agency Recognition :UL /cUL/TUV
Recommended Applications
1. Telecommunication
2. Network equipment
Part Number Code
Structure and Dimensions
K
R
T
2
5
0
0
0
1
2
F
B
Y
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
I hold
0008
0.08A
0090
0.9A
0014
0.14A
0135
1.35A
0170
1.7A
0600
6A
1000
10A
1200
12A
Appearance
S
Straight lead
I
Inner kink lead
F
Y Kink lead
Packaging
B
Bulk
R
Taping & Reel
Product Type
K
Thinking
PPTC
thermistor
Form Factor
R
Radial
Usage
G
General
T
Telecom
Max. Operating
Voltage
016
16V
030
30V
060
60V
Note : for
telecom with
Vmax. interrupt
250
250V
600
600V
Optional Suffix
Y
RoHS
compliant
Marking: Device is marked Vmax. operation, I hold
Style 1
Style 2
Style 3
Style 4


Similar Part No. - KRT2500011XXU

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KRT-11XS14N KODENSHI-KRT-11XS14N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS24N KODENSHI-KRT-11XS24N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-11XS34N KODENSHI-KRT-11XS34N Datasheet
357Kb / 3P
   Optical Monitoring Photodiode TO CAN for KRT-11XSx4N
KRT-13221 KODENSHI-KRT-13221 Datasheet
182Kb / 2P
   1.25Gbps InGaAs PIN PD for TO 46 PKG
KRT-14211C KODENSHI-KRT-14211C Datasheet
194Kb / 2P
   2.5G InGaAs PIN PD for TO 46 PKG
More results

Similar Description - KRT2500011XXU

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
PPL137R0KA0B5 THINKING-PPL137R0KA0B5 Datasheet
266Kb / 9P
   Overload Protection for Telecom Application
PPL07100KA0B5-Y THINKING-PPL07100KA0B5-Y Datasheet
170Kb / 6P
   Overload Protection for Telecom Application
logo
PCA ELECTRONICS INC.
EPA3284G PCA-EPA3284G Datasheet
30Kb / 1P
   Common Mode Choke for Telecom Application
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
logo
EPCOS
B72207S0600S212 EPCOS-B72207S0600S212 Datasheet
81Kb / 3P
   Leaded Varistors Telecom Series
logo
Thinking Electronic Ind...
KRL2400005 THINKING-KRL2400005 Datasheet
172Kb / 5P
   KRL240 Radial Leaded Type 240V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com