Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRL2400008 Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # KRL2400008
Description  KRL240 Radial Leaded Type 240V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

KRL2400008 Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  KRL2400008 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd KRL2400008 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd KRL2400008 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd KRL2400008 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd KRL2400008 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Polymer PTC Resettable Fuse:
:KRL Type
KRL240 Radial Leaded Type 240V
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2009.12
All specifications are subject to change without notice
Structure and Dimensions
A
B
C
D
E
F
Part No.
Max.
Max.
Typ.
Min.
Max.
Typ.
Figure
KRL2400005
8.3
10.7
5.1
7.6
3.8
0.51
1
KRL2400008
8.3
10.7
5.1
7.6
3.8
0.51
1
KRL2400012
8.3
10.7
5.1
7.6
3.8
0.51
1
KRL2400016
9.9
12.5
5.1
7.6
3.8
0.51
1
KRL2400025
9.6
17.4
5.1
7.6
3.8
0.65
2
KRL2400033
11.4
16.5
5.1
7.6
3.8
0.65
2
KRL2400040
11.5
19.5
5.1
7.6
3.8
0.65
2
KRL2400055
14.0
21.7
5.1
7.6
4.1
0.81
3
Electrical Characteristics(@
@23℃
℃)
Max. Time to Trip
Resistance
Agency Approval
Vmax.
Imax.
Ihold
Itrip
Pd
(Typ.)
Current
Time
Initial
(Ri Min.)
Post trip
(R1 Max.)
Part No.
(VAC)
(A)
(A)
(A)
(W)
(A)
(Sec.)
( )
( )
UL/cUL
TUV
KRL2400005
240
1.0
0.05
0.12
0.7
0.25
15.00
18.50
65.00
KRL2400008
240
1.2
0.08
0.19
0.8
0.40
15.00
7.40
26.00
KRL2400012
240
1.2
0.12
0.30
1.0
0.60
15.00
3.00
12.00
KRL2400016
240
2.0
0.16
0.37
1.4
0.80
15.00
2.50
7.80
KRL2400025
240
3.5
0.25
0.56
1.5
1.25
18.50
1.30
3.80
KRL2400033
240
4.5
0.33
0.74
1.7
1.65
18.50
0.83
2.60
KRL2400040
240
5.5
0.40
0.90
2.0
2.00
24.00
0.60
1.90
KRL2400055
240
7.0
0.55
1.25
3.4
2.75
26.00
0.45
1.45
Note: UL&cUL File no. E138827
TUV File no. R50166038
(Unit: mm)
Figure 1
Figure 2
Figure 3


Similar Part No. - KRL2400008

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200017 THINKING-KRL1200017 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200020 THINKING-KRL1200020 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200025 THINKING-KRL1200025 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRL1200030 THINKING-KRL1200030 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
More results

Similar Description - KRL2400008

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
KRG0160075 THINKING-KRG0160075 Datasheet
331Kb / 7P
   KRG016 Radial Leaded Type 16V
KRG0600010 THINKING-KRG0600010 Datasheet
308Kb / 7P
   KRG060 Radial Leaded Type 60V
KRL1200010 THINKING-KRL1200010 Datasheet
292Kb / 7P
   KRL120 Radial Leaded Type 120V
KRG0300090 THINKING-KRG0300090 Datasheet
165Kb / 7P
   KRG030 Radial Leaded Type 30V
logo
Littelfuse
60R010 LITTELFUSE-60R010_10 Datasheet
210Kb / 7P
   Radial Leaded
logo
Thinking Electronic Ind...
KRT6000015 THINKING-KRT6000015 Datasheet
143Kb / 5P
   Radial Leaded Type KRT600 For Telecom Application
KRT2500008 THINKING-KRT2500008 Datasheet
177Kb / 6P
   Radial Leaded Type KRT250 For Telecom Application
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
logo
XFMRS Inc.
RLXF0811-822J XFMRS-RLXF0811-822J Datasheet
31Kb / 1P
   Radial Leaded Inductor
logo
Taiyo Yuden (U.S.A.), I...
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com