Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049DV33 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1049DV33
Description  4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049DV33 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1049DV33_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1049DV33_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY7C1049DV33
Document Number: 38-05475 Rev. *G
Page 4 of 14
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –65
C to +150 C
Ambient Temperature with
Power Applied ......................................... –55
C to +125 C
Supply Voltage on
VCC to Relative GND[2] ................................–0.3 V to +4.6 V
DC Voltage Applied to Outputs
in High Z State[2] ................................. –0.3 V to VCC + 0.3 V
DC Input Voltage[2] ............................. –0.3 V to VCC + 0.3 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage ......................................... > 2001 V
(MIL-STD-883, Method 3015)
Latch up Current .................................................... > 200 mA
Operating Range
Range
Ambient
Temperature
VCC
Speed
Industrial
–40
C to +85 C 3.3 V  0.3 V
10 ns
Automotive
–40
C to +125 C 3.3 V  0.3 V
12 ns
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-10 (Industrial)
-12 (Automotive)
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
2.4
–V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
0.4
V
VIH[2]
Input HIGH Voltage
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL[2]
Input LOW Voltage[2]
–0.3
0.8
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
–1
+1
A
IOZ
Output Leakage Current GND < VOUT < VCC,
Output Disabled
–1
+1
–1
+1
A
ICC
VCC Operating Supply
Current
VCC = Max,
f = fMAX = 1/tRC
100 MHz
90
–mA
83 MHz
80
95
mA
66 MHz
70
85
mA
40 MHz
60
75
mA
ISB1
Automatic CE
Power down Current
—TTL Inputs
Max VCC, CE > VIH; VIN > VIH or
VIN < VIL, f = fMAX
–20
25
mA
ISB2
Automatic CE
Power down Current
—CMOS Inputs
Max VCC, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V, or VIN < 0.3 V,
f = 0
–10
15
mA
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 C, f = 1 MHz, VCC = 3.3 V
8
pF
COUT
IO Capacitance
8pF
Note
2. VIL (min.) = –2.0 V and VIH(max) = VCC + 2 V for pulse durations of less than 20 ns.
[+] Feedback


Similar Part No. - CY7C1049DV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049DV33-10VXI CYPRESS-CY7C1049DV33-10VXI Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-10VXI CYPRESS-CY7C1049DV33-10VXI Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-10ZSXI CYPRESS-CY7C1049DV33-10ZSXI Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-10ZSXI CYPRESS-CY7C1049DV33-10ZSXI Datasheet
862Kb / 10P
   4-Mbit (512K x 8) Static RAM
CY7C1049DV33-12VXE CYPRESS-CY7C1049DV33-12VXE Datasheet
433Kb / 8P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049DV33_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_11 Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62138EV30_1106 CYPRESS-CY62138EV30_1106 Datasheet
462Kb / 15P
   2-Mbit (256 K x 8) MoBL Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com