Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF62R600NRM Datasheet(PDF) 2 Page - Thinking Electronic Industrial Co.,Ltd

Part # GF62R600NRM
Description  SMD 2-Electrode 6.2T4.2 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GF62R600NRM Datasheet(HTML) 2 Page - Thinking Electronic Industrial Co.,Ltd

  GF62R600NRM Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GF62R600NRM Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GF62R600NRM Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GF62R600NRM Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tube: GF6 Series
SMD 2-Electrode Φ6.2*T4.2 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
2
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Characteristics
DC
Breakdown
Voltage
Max. Impulse
Breakdown
Voltage
Impulse
Discharge
Current
(8/20µs)
Impulse
Life
(10/1000µs)
Normal
Alternating
Discharge
Current
DC
Holdover
voltage
(100V/S)
100V/µs
1KV/µs
1
time
10
times
100A
50Hz,
1Sec
Single
9 Cycles
<150ms
Minimum
Insulation
Resistance
Maximum
Capacitance
(1MHz)
Safety
approvals
Type
(V)
(V)
(V)
(KA)
Times
(A)
(V)
(G )
(pF)
UL
1449/
cUL
UL
497B
GF62R075NRM
75±20%
600
700
52
GF62R090NRM
90±20%
600
700
52
GF62R145NRM
145±20%
500
700
52
GF62R230NRM
230±20%
450
550
80
GF62R250NRM
250±20%
450
550
135
GF62R300NRM
300±20%
500
600
135
GF62R350NRM
350±20%
500
600
135
GF62R400NRM
400±20%
600
700
135
GF62R470NRM
470±20%
700
800
135
GF62R600NRM
600±20%
900
1000
150
GF62R800NRM
800±20%
1000
1100
8
5
500
5
15
150
GF62R12BNRM
1200±20%
1700
1800
150
GF62R18BNRM
1800±20%
2500
2600
150
GF62R20BNRM
2000±20%
2700
2800
150
GF62R25BNRM
2500±20%
3100
3200
150
GF62R27BNRM
2700±20%
3300
3400
150
GF62R30BNRM
3000±20%
3600
3700
5
3
300
3
10
150
1
0.8
Note1: UL / 497B→ File No. E245070, UL / 1449 3rd→ File No.E314979
Note 2 Insulation resistance test conditions:
DC Breakdown Voltage
DC Measuring Voltage
70-90V
50V
120-400V
100V
470-800V
250V
1000-2000V
500V
2500-3000V
1000V


Similar Part No. - GF62R600NRM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GF62 EUROQUARTZ-GF62 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
More results

Similar Description - GF62R600NRM

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
   3-Electrode 8.0T10 mm Type
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
   3-Electrode 6.08.0 mm Type
GD82R070NBH THINKING-GD82R070NBH Datasheet
147Kb / 5P
   2-Electrode 8.0T6 mm High Surge
logo
EPCOS
A81-A230X EPCOS-A81-A230X Datasheet
19Kb / 2P
   2-Electrode-Arrester
B88069X5690S102 EPCOS-B88069X5690S102 Datasheet
55Kb / 4P
   2-electrode arrester
A81-A600XG EPCOS-A81-A600XG_1 Datasheet
64Kb / 4P
   2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com