Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049D-10VXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1049D-10VXI
Description  4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049D-10VXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1049D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C1049D-10VXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY7C1049D
Document #: 38-05474 Rev. *E
Page 11 of 12
Document History Page
Document Title: CY7C1049D 4-Mbit (512K x 8) Static RAM
Document Number: 38-05474
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
201560
SWI
See ECN
Advance Datasheet for C9 IPP
*A
233729
RKF
See ECN
1.AC, DC parameters are modified as per EROS(Spec # 01-2165)
2.Pb-free offering in the ‘ordering information’
*B
351096
PCI
See ECN
Changed from Advance to Preliminary
Removed 17, 20 ns Speed bin
Added footnote # 4
Redefined ICC values for Com’l and Ind’l temperature ranges
ICC (Com’l): Changed from 67 and 54 mA to 75 and 70 mA for 12 and 15 ns
speed bins respectively
ICC (Ind’l): Changed from 80, 67 and 54 mA to 90, 85 and 80 mA for 10, 12 and
15 ns speed bins respectively
Added VIH(max) spec in Note# 2
Modified Note# 10 on tR
Changed tSCE from 8 to 7 ns for 10 ns speed bin
Changed reference voltage level for measurement of Hi-Z parameters from
±500
mV to
±200 mV
Added Truth Table on page# 6
Removed L-Version
Added 10 ns parts in the Ordering Information Table
Added Lead-Free Product Information
Shaded Ordering Information Table
*C
446328
NXR
See ECN
Converted from Preliminary to Final
Removed -12 and -15 speed bins
Removed Commercial Operating Range product information
Changed Maximum Rating for supply voltage from 7 V to 6 V
Updated Thermal Resistance table
Changed tHZWE from 6 ns to 5 ns
Updated footnote #7 on High-Z parameter measurement
Replaced Package Name column with Package Diagram in the Ordering Infor-
mation table
*D
3109184
AJU
12/13/2010 Added Ordering Code Definitions.
Updated Package Diagram.
*E
3235742
PRAS
04/20/2011
Updated template.
Added Acronyms and Units of measure.
[+] Feedback


Similar Part No. - CY7C1049D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049D-10VXI CYPRESS-CY7C1049D-10VXI Datasheet
392Kb / 8P
   4-Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33AUTO CYPRESS-CY7C1049CV33AUTO Datasheet
873Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1012AV33 CYPRESS-CY7C1012AV33_11 Datasheet
487Kb / 13P
   512 K 횞 24 Static RAM TTL-compatible inputs and outputs
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
   32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com