Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF62R400NRM Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # GF62R400NRM
Description  SMD 2-Electrode 6.2T4.2 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GF62R400NRM Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  GF62R400NRM Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GF62R400NRM Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GF62R400NRM Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GF62R400NRM Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tube: GF6 Series
SMD 2-Electrode Φ6.2*T4.2 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Packaging
Taping
Storage Conditions of GDT
Storage conditions﹕
1. Storage Temperature: -10
~ +40
.
2. Relative humidity:
75%RH.
3. Gas discharge tube must be kept away from sunlight and stored in a non-corrosive atmosphere.
Shelf life: 1 year
P
D
P0
F
W
E
t
K
ITEM
P
P0
W
F
E
D
K
t
Spec.
12.0
4.0
16.0
7.5
1.75
Φ1.55
6.4
0.5
Tol.
±0.1
±0.1
±0.3
±0.1
±0.1
±0.05
±0.1
±0.05
Quantity:
: 800pcs per reel (13”
”)
Unit: mm
15typ.
50 typ.
330 ± 4.0


Similar Part No. - GF62R400NRM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GF62 EUROQUARTZ-GF62 Datasheet
224Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD
More results

Similar Description - GF62R400NRM

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
GB83R075NB THINKING-GB83R075NB Datasheet
157Kb / 4P
   3-Electrode 8.0T10 mm Type
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
   3-Electrode 6.08.0 mm Type
GD82R070NBH THINKING-GD82R070NBH Datasheet
147Kb / 5P
   2-Electrode 8.0T6 mm High Surge
logo
EPCOS
A81-A230X EPCOS-A81-A230X Datasheet
19Kb / 2P
   2-Electrode-Arrester
B88069X5690S102 EPCOS-B88069X5690S102 Datasheet
55Kb / 4P
   2-electrode arrester
A81-A600XG EPCOS-A81-A600XG_1 Datasheet
64Kb / 4P
   2-electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com