Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GF32R075NRC Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # GF32R075NRC
Description  SMD L4.5W3.2H2.7 mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GF32R075NRC Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  GF32R075NRC Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GF32R075NRC Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GF32R075NRC Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gas Discharge Tube:
:GF3 Series
SMD L4.5*W3.2*H2.7 mm
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Features
1. RoHS compliant
2. DC spark-over voltage: 75~600V
3. Low capacitance
4. Agency recognition :UL
Recommended Applications
1. Data transmission lines
2. Communication lines
3. CATV system
4. Power distribution system
5. Power supplier
6. Test equipment
7. Instrumentation circuits
Part Number Code
G
F
3
2
R
0
9
0
N
R
C
1
2
3
4
5
6
7
8
9
10
11
12
13
Product Code
G
THINKING Gas
Discharge Tube
Type Series (size)
F3
T4.5*3.2
Electrode Number
2R
2 Electrodes
DC Spark-over
Voltage
070
70V
230
230V
600
600V
14B
1400V
25B
2500V
Lead Wire Style
N
No Lead
Packaging
B
Bulk
T
Ammo
Taping
R
Reel
Taping
Internal Control
Code
Product Type
C
SMD Square Type


Similar Part No. - GF32R075NRC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF32C ETC2-GF32C Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
GF32C1 ETC2-GF32C1 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GF32C1 CALIBER-GF32C1 Datasheet
51Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
List of Unclassifed Man...
GF32C3 ETC2-GF32C3 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
logo
Caliber Electronics Inc...
GF32C3 CALIBER-GF32C3 Datasheet
51Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
More results

Similar Description - GF32R075NRC

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
C18XX CRYSTEKCRYSTAL-C18XX_15 Datasheet
60Kb / 1P
   5횞7 mm SMD
C25XX CRYSTEKCRYSTAL-C25XX_15 Datasheet
64Kb / 1P
   5횞7 mm SMD
logo
PREMO CORPORATION S.L
TC0502 PREMO-TC0502_14 Datasheet
68Kb / 1P
   SMD Telecoil 5.1x2.3x2.6 mm
logo
A-BRIGHT Inc
AL-HD1X134B A-BRIGHT-AL-HD1X134B_09 Datasheet
282Kb / 5P
   3.2x1.0x2.0 mm SMD LED
2009/2/20
AL-HE1Y033 A-BRIGHT-AL-HE1Y033 Datasheet
366Kb / 5P
   3.2x1.6x1.1 mm SMD LED
2006/10/12
AL-HE1Y033B A-BRIGHT-AL-HE1Y033B Datasheet
376Kb / 5P
   3.2x2.7x1.1 mm SMD LED
2006/10/12
AL-HA0B433 A-BRIGHT-AL-HA0B433 Datasheet
366Kb / 5P
   3.2x1.6x1.1 mm SMD LED
2006/10/12
AL-HG0Y033B A-BRIGHT-AL-HG0Y033B Datasheet
376Kb / 5P
   3.2x2.7x1.1 mm SMD LED
2006/10/12
AL-HE1G033 A-BRIGHT-AL-HE1G033 Datasheet
366Kb / 5P
   3.2x1.6x1.1 mm SMD LED
2006/10/12
AL-HE1Y034B A-BRIGHT-AL-HE1Y034B Datasheet
364Kb / 5P
   3.2x1.0x2.0 mm SMD LED
2006/10/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com