Electronic Components Datasheet Search |
|
CY7C1021D-10ZSXI Datasheet(PDF) 4 Page - Cypress Semiconductor |
|
CY7C1021D-10ZSXI Datasheet(HTML) 4 Page - Cypress Semiconductor |
4 / 16 page CY7C1021D Document #: 38-05462 Rev. *J Page 4 of 16 Maximum Ratings Exceeding the maximum ratings may impair the useful life of the device. These user guidelines are not tested. Storage Temperature ............................... –65 C to +150 C Ambient Temperature with Power Applied ......................................... –55 C to +125 C Supply Voltage on VCC to Relative GND[2] ................................–0.5 V to +6.0 V DC Voltage Applied to Outputs in High Z State [2] ................................ –0.5 V to VCC + 0.5 V DC Input Voltage [2] ............................ –0.5 V to VCC + 0.5 V Current into Outputs (LOW) ........................................ 20 mA Static Discharge Voltage ......................................... > 2001 V (per MIL-STD-883, Method 3015) Latch Up Current ................................................... > 200 mA Operating Range Range Ambient Temperature VCC Speed Industrial –40 C to +85 C 5 V 10% 10 ns Electrical Characteristics Over the Operating Range Parameter Description Test Conditions -10 (Industrial) Unit Min Max VOH Output HIGH Voltage IOH = –4.0 mA 2.4 – V VOL Output LOW Voltage IOL = 8.0 mA – 0.4 V VIH Input HIGH Voltage 2.2 VCC + 0.5 V V VIL Input LOW Voltage [2] 0.5 0.8 V IIX Input Leakage Current GND < VI < VCC 1+1 A IOZ Output Leakage Current GND < VI < VCC, Output Disabled 1+1 A ICC VCC Operating Supply Current VCC = Max, IOUT = 0 mA, f = fmax = 1/tRC 100 MHz – 80 mA 83 MHz – 72 mA 66 MHz – 58 mA 40 MHz – 37 mA ISB1 Automatic CE Power Down Current —TTL Inputs Max VCC, CE > VIH, VIN > VIH or VIN < VIL, f = fmax –10 mA ISB2 Automatic CE Power Down Current —CMOS Inputs Max VCC, CE > VCC – 0.3 V, VIN > VCC – 0.3 V, or VIN < 0.3 V, f = 0 –3 mA Note 2. VIL (min) = –2.0 V and VIH(max) = VCC + 1 V for pulse durations of less than 5 ns. [+] Feedback |
Similar Part No. - CY7C1021D-10ZSXI |
|
Similar Description - CY7C1021D-10ZSXI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |