Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GB83R200NB Datasheet(PDF) 4 Page - Thinking Electronic Industrial Co.,Ltd

Part # GB83R200NB
Description  3-Electrode 8.0T10 mm Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

GB83R200NB Datasheet(HTML) 4 Page - Thinking Electronic Industrial Co.,Ltd

  GB83R200NB Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd GB83R200NB Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd GB83R200NB Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd GB83R200NB Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gas Discharge Tube: GB8 Series
3-Electrode Φ8.0*T10 mm Type
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
4
www.thinking.com.tw
2010.09
All specification are subject to change without notice.
Marking
Packaging
Bulk
Plastic Tray
(210x220x12mm)
Inner Box
(210x225x60mm)
Outside Box
(450x245x345mm)
Storage Conditions of GDT
(I) Storage conditions:
1. Storage Temperature: -10
~ +40
.
2. Relative humidity:
75%RH.
3. Gas discharge tube must be kept away from sunlight and stored in a non-corrosive atmosphere.
(II) Shelf life: 1 year.
100 PCS/Plastic tray
500 PCS/Box
5000 PCS/Carton


Similar Part No. - GB83R200NB

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GB80 GPSEMI-GB80 Datasheet
119Kb / 2P
   BOX CLAMP FOR HOCKEY PUKS
logo
TDK Electronics
GB80-21 TDK-GB80-21 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P208 TDK-GB80-65-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P400 TDK-GB80-65-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB80-65-3P480 TDK-GB80-65-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GB83R200NB

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
GC63R090NB THINKING-GC63R090NB Datasheet
155Kb / 4P
   3-Electrode 6.08.0 mm Type
GQF3R075NRM THINKING-GQF3R075NRM Datasheet
214Kb / 4P
   SMD 3-Electrode 57.2 mm Type
GD52R070NB THINKING-GD52R070NB Datasheet
180Kb / 5P
   2-Electrode 5.5T6 mm Type
GF42R075NRM THINKING-GF42R075NRM Datasheet
164Kb / 3P
   SMD 2-Electrode 44.2 mm Type
GF62R075NRM THINKING-GF62R075NRM Datasheet
136Kb / 4P
   SMD 2-Electrode 6.2T4.2 mm Type
GD82R070NB THINKING-GD82R070NB Datasheet
173Kb / 5P
   2-Electrode 8.0T8 mm High Voltage Type
logo
EPCOS
B88069X2601B502 EPCOS-B88069X2601B502 Datasheet
83Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-L JUXING-JX3R-L Datasheet
1Mb / 3P
   3-Electrode arrester
logo
EPCOS
B88069X5870B502 EPCOS-B88069X5870B502 Datasheet
64Kb / 2P
   3-Electrode-Arrester
logo
Guangdong Juxing Electr...
JX3R-F JUXING-JX3R-F Datasheet
1Mb / 3P
   3-Electrode arrester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com