Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMCHA1C105MTRF Datasheet(PDF) 2 Page - HolyStone International

Part # TMCHA1C105MTRF
Description  TANTALUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLYSTONECAPS [HolyStone International]
Direct Link  http://www.holystonecaps.com
Logo HOLYSTONECAPS - HolyStone International

TMCHA1C105MTRF Datasheet(HTML) 2 Page - HolyStone International

  TMCHA1C105MTRF Datasheet HTML 1Page - HolyStone International TMCHA1C105MTRF Datasheet HTML 2Page - HolyStone International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
148
TANTALUM ELECTROLYTIC CAPACITORS
Hitachi AIC Inc.
16V1
µF
A case
20V1
µF
A case
A6A
③Rated voltage (16V)
②Nominal capacitance Volue (10
µF)
10
16A
④Lot indication (A:for manufacturing in January, 2009)
DA6A
①Anode indication belt mark
②Simplified code of rated voltage (A : 10V)
①Anode indication belt mark
AS
③Simplified code of nominal capacitance(S:4.7
µ)
10V4.7
µF
Anode indication belt mark
Simplified code of nominal capacitance (A6 : 1
µF)
Simplified code of rated voltage (D : 20V)
Lot indication (A:for manufacturing in January, 2009)
∗When the capacitance code is the same in the same case, use the voltage code for the higher rated voltage.
③ ④
② ③
Standard product tables - TMCH series
Marking indication
Standard product table - TMCH series
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V. DC
µF
µA
code
4
3.3
0.06
0.25
A
TMCHA0G335
4.7
0.06
0.25
A
TMCHA0G475
10
0.06
0.25
B
TMCHB0G106
15
0.06
0.30
B
TMCHB0G156
33
0.06
0.66
C
TMCHC0G336
47
0.06
0.94
C
TMCHC0G476
68
0.06
1.36
E
TMCHE0G686
100
0.06
2.00
E
TMCHE0G107
7(6.3)
2.2
0.06
0.25
A
TMCHA0J225
3.3
0.06
0.25
A
TMCHA0J335
4.7
0.06
0.25
A
TMCHA0J475
0.06
0.25
P
TMCHP0J685
6.8
0.06
0.25
A
TMCHA0J685
0.06
0.25
B
TMCHB0J685
10
0.08
0.31
P
TMCHP0J106
0.06
0.35
B
TMCHB0J106
15
0.06
0.52
B
TMCHB0J156
22
0.06
0.77
B
TMCHB0J226
0.06
0.77
C
TMCHC0J226
33
0.06
1.15
C
TMCHC0J336
47
0.06
1.64
C
TMCHC0J476
0.06
1.64
E
TMCHE0J476
68
0.04
2.38
E
TMCHE0J686
100
0.06
3.50
E
TMCHE0J107
10
1.5
0.08
0.25
P
TMCHP1A155
0.06
0.25
A
TMCHA1A155
2.2
0.08
0.25
P
TMCHP1A225
0.06
0.25
A
TMCHA1A225
3.3
0.08
0.25
P
TMCHP1A335
0.06
0.25
A
TMCHA1A335
0.08
0.25
P
TMCHP1A475
4.7
0.06
0.25
A
TMCHA1A475
0.06
0.25
B
TMCHB1A475
6.8
0.06
0.34
B
TMCHB1A685
10
0.08
0.50
A
TMCHA1A106
0.06
0.50
B
TMCHB1A106
15
0.06
0.75
B
TMCHB1A156
0.06
0.75
C
TMCHC1A156
22
0.06
1.10
C
TMCHC1A226
33
0.06
1.65
C
TMCHC1A336
0.06
1.65
E
TMCHE1A336
47
0.08
2.35
C
TMCHC1A476
0.06
2.35
E
TMCHE1A476
68
0.08
3.40
C
TMCHC1A686
0.08
3.40
E
TMCHE1A686
16
0.47
0.06
0.25
P
TMCHP1C474
0.68
0.06
0.25
P
TMCHP1C684
1.0
0.06
0.25
P
TMCHP1C105
0.04
0.25
A
TMCHA1C105
1.5
0.06
0.25
A
TMCHA1C155
2.2
0.06
0.25
A
TMCHA1C225
0.08
0.26
P
TMCHP1C335
3.3
0.06
0.26
A
TMCHA1C335
0.06
0.26
B
TMCHB1C335
4.7
0.06
0.37
A
TMCHA1C475
0.06
0.37
B
TMCHB1C475
6.8
0.06
0.54
B
TMCHB1C685
10
0.06
0.80
B
TMCHB1C106
0.06
0.80
C
TMCHC1C106
15
0.06
1.20
C
TMCHC1C156
22
0.06
1.76
C
TMCHC1C226
0.06
1.76
E
TMCHE1C226
33
0.08
2.64
C
TMCHC1C336
0.06
2.64
E
TMCHE1C336
47
0.08
3.76
C
TMCHC1C476
0.08
3.76
E
TMCHE1C476
20
0.33
0.06
0.25
P
TMCHP1D334
0.68
0.04
0.25
A
TMCHA1D684
1.0
0.04
0.25
A
TMCHA1D105
1.5
0.06
0.25
A
TMCHA1D155
2.2
0.06
0.25
A
TMCHA1D225
0.06
0.25
B
TMCHB1D225
3.3
0.06
0.33
B
TMCHB1D335
4.7
0.06
0.47
B
TMCHB1D475
Rated voltage Capacitance
tan
δ
Leakage current
Case
Product name
V. DC
µF
µA
code
20
6.8
0.06
0.68
B
TMCHB1D685
0.06
0.68
C
TMCHC1D685
10
0.06
1.00
C
TMCHC1D106
15
0.06
1.50
C
TMCHC1D156
0.06
1.50
E
TMCHE1D156
22
0.06
2.20
E
TMCHE1D226
33
0.06
3.30
E
TMCHE1D336
25
0.47
0.04
0.25
A
TMCHA1E474
0.68
0.04
0.25
A
TMCHA1E684
1.5
0.06
0.25
B
TMCHB1E155
2.2
0.06
0.27
B
TMCHB1E225
3.3
0.06
0.41
B
TMCHB1E335
4.7
0.06
0.58
B
TMCHB1E475
0.06
0.58
C
TMCHC1E475
6.8
0.06
0.85
C
TMCHC1E685
10
0.06
1.25
C
TMCHC1E106
0.06
1.25
E
TMCHE1E106
15
0.06
1.87
E
TMCHE1E156
22
0.06
2.75
E
TMCHE1E226
35
0.1
0.04
0.25
A
TMCHA1V104
0.15
0.04
0.25
A
TMCHA1V154
0.22
0.04
0.25
A
TMCHA1V224
0.33
0.04
0.25
A
TMCHA1V334
0.47
0.04
0.25
A
TMCHA1V474
0.04
0.25
B
TMCHB1V474
0.68
0.04
0.25
A
TMCHA1V684
0.04
0.25
B
TMCHB1V684
1.0
0.04
0.25
A
TMCHA1V105
0.04
0.25
B
TMCHB1V105
1.5
0.06
0.26
B
TMCHB1V155
0.06
0.26
C
TMCHC1V155
2.2
0.06
0.38
B
TMCHB1V225
0.06
0.38
C
TMCHC1V225
3.3
0.06
0.57
B
TMCHB1V335
0.06
0.57
C
TMCHC1V335
4.7
0.06
0.82
C
TMCHC1V475
0.06
0.82
E
TMCHE1V475
6.8
0.06
1.19
C
TMCHC1V685
0.06
1.19
E
TMCHE1V685
10
0.06
1.75
E
TMCHE1V106
15
0.06
2.62
E
TMCHE1V156
123456789
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
j
k
l
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Lot indication
Month
Year


Similar Part No. - TMCHA1C105MTRF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TMCHA1C105TRF VISHAY-TMCHA1C105TRF Datasheet
280Kb / 15P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, High Reliability
Revision: 26-Oct-17
More results

Similar Description - TMCHA1C105MTRF

ManufacturerPart #DatasheetDescription
logo
HolyStone International
TMF HOLYSTONECAPS-TMF Datasheet
59Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCP HOLYSTONECAPS-TMCP Datasheet
56Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCU HOLYSTONECAPS-TMCU Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNC HOLYSTONECAPS-TNC Datasheet
67Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TNF HOLYSTONECAPS-TNF Datasheet
53Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCM HOLYSTONECAPS-TMCM Datasheet
71Kb / 3P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCTX HOLYSTONECAPS-TMCTX Datasheet
62Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCR HOLYSTONECAPS-TMCR Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
TMCS HOLYSTONECAPS-TMCS Datasheet
61Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
TMCMA1C106MTRF ETC-TMCMA1C106MTRF Datasheet
247Kb / 2P
   TANTALUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com