Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021D Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1021D
Description  1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021D Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1021D_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C1021D_11 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C1021D
Document #: 38-05462 Rev. *J
Page 7 of 16
Data Retention Characteristics
Over the Operating Range
Parameter
Description
Conditions
Min
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = VDR = 2.0 V, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V or VIN < 0.3 V
–3
mA
tCDR [10]
Chip Deselect to Data Retention Time
0
ns
tR [11]
Operation Recovery Time
tRC
–ns
Data Retention Waveform
4.5 V
4.5 V
tCDR
VDR > 2 V
DATA RETENTION MODE
tR
CE
VCC
Switching Waveforms
Figure 3. Read Cycle No. 1 (Address Transition Controlled) [12, 13]
PREVIOUS DATA VALID
DATA VALID
RC
tAA
tOHA
tRC
ADDRESS
DATA OUT
Notes
10. VIL (min) = –2.0 V and VIH(max) = VCC + 1 V for pulse durations of less than 5 ns.
11. Full device operation requires linear VCC ramp from VDR to VCC(min) > 50 s or stable at VCC(min) > 50 s.
12. Device is continuously selected. OE, CE, BHE and/or BLE = VIL.
13. WE is HIGH for read cycle.
[+] Feedback


Similar Part No. - CY7C1021D_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D-10VXI CYPRESS-CY7C1021D-10VXI Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10ZSXE CYPRESS-CY7C1021D-10ZSXE Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021D-10ZSXI CYPRESS-CY7C1021D-10ZSXI Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021D_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com