Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021CV26-15BAET Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1021CV26-15BAET
Description  1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV26-15BAET Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1021CV26-15BAET Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 10Page - Cypress Semiconductor CY7C1021CV26-15BAET Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CY7C1021CV26
Document Number: 38-05589 Rev. *F
Page 7 of 16
Write Cycle[10]
tWC
Write cycle time
15
ns
tSCE
CE LOW to write end
10
ns
tAW
Address set-up to write end
10
ns
tHA
Address hold from write end
0
ns
tSA
Address set-up to write start
0
ns
tPWE
WE pulse width
10
ns
tSD
Data set-up to write end
8
ns
tHD
Data hold from write end
0
ns
tLZWE
WE HIGH to low Z[11]
3
ns
tHZWE
WE LOW to high Z[11, 12]
7
ns
tBW
Byte enable to end of write
9
ns
Switching Characteristics (continued)
Over the Operating Range
Parameter [6]
Description
-15
Unit
Min
Max
Notes
10. The internal Write time of the memory is defined by the overlap of CE LOW, WE LOW and BHE/BLE LOW. CE, WE and BHE/BLE must be LOW to initiate a Write, and
the transition of these signals can terminate the Write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the Write.
11. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
12. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of Figure 3 on page 6. Transition is measured 500 mV from steady-state voltage.
[+] Feedback


Similar Part No. - CY7C1021CV26-15BAET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26-15BAET CYPRESS-CY7C1021CV26-15BAET Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
More results

Similar Description - CY7C1021CV26-15BAET

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com