Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021CV26 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1021CV26
Description  1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021CV26 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1021CV26_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C1021CV26_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY7C1021CV26
Document Number: 38-05589 Rev. *F
Page 6 of 16
AC Test Loads and Waveforms
Figure 3. AC Test Loads and Waveforms [5]
2.6 V
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
R1
1830
1976
2.6 V
OUTPUT
5 pF
R 317
R2
351

High Z characteristics:
90%
10%
2.6 V
GND
90%
10%
ALL INPUT PULSES
Rise Time: 1 V/ns
Fall Time: 1 V/ns
(c)
(b)
(a)
Switching Characteristics
Over the Operating Range
Parameter [6]
Description
-15
Unit
Min
Max
Read Cycle
tRC
Read cycle time
15
ns
tAA
Address to data valid
15
ns
tOHA
Data hold from address change
3
ns
tACE
CE LOW to data valid
15
ns
tDOE
OE LOW to data valid
7
ns
tLZOE
OE LOW to low Z[7]
0
ns
tHZOE
OE HIGH to high Z[7, 8]
7
ns
tLZCE
CE LOW to low Z[7]
3
ns
tHZCE
CE HIGH to high Z[7, 8]
7
ns
tPU[9]
CE LOW to power-up
0
ns
tPD[9]
CE HIGH to power-down
15
ns
tDBE
Byte enable to data valid
7
ns
tLZBE
Byte enable to low Z
0
ns
tHZBE
Byte disable to high Z
7
ns
Notes
5. AC characteristics (except high Z) are tested using the Thevenin load shown in Figure 3 (a). High Z characteristics are tested for all speeds using the test load
shown inFigure 3 (c).
6. Test conditions assume signal transition time of 2.6 ns or less, timing reference levels of 1.3 V, input pulse levels of 0 to 2.6 V.
7. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
8. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (c) of Figure 3. Transition is measured 500 mV from steady-state voltage.
9. This parameter is guaranteed by design and is not tested.
[+] Feedback


Similar Part No. - CY7C1021CV26_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26-15BAE CYPRESS-CY7C1021CV26-15BAE Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26-15BAET CYPRESS-CY7C1021CV26-15BAET Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26-15VXE CYPRESS-CY7C1021CV26-15VXE Datasheet
183Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26-15VXE CYPRESS-CY7C1021CV26-15VXE Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26-15VXET CYPRESS-CY7C1021CV26-15VXET Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
More results

Similar Description - CY7C1021CV26_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com