Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1019CV33 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1019CV33
Description  1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1019CV33 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1019CV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1019CV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CY7C1019CV33
Document #: 38-05130 Rev. *K
Page 4 of 13
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65 °C to +150 °C
Ambient Temperature with
Power Applied ......................................... –55 °C to +125 °C
Supply Voltage on
VCC to Relative GND[2] ................................–0.5 V to +4.6 V
DC Voltage Applied to Outputs
in High Z State[2] ................................. –0.5 V to VCC + 0.5 V
DC Input Voltage[2] ............................. –0.5 V to VCC + 0.5 V
Current into Outputs (LOW) ........................................ 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch up Current ..................................................... >200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0 °C to +70 °C
3.3 V
 10%
Industrial
–40
C to +85 C
3.3 V
 10%
Automotive-A
–40
C to +85 C
3.3 V
 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-10 (Industrial/Auto-A)
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage[2]
–0.3
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
–1
+1
A
IOZ
Output Leakage Current
GND < VI < VCC, Output Disabled
–1
+1
A
ICC
VCC Operating Supply Current
VCC = Max, IOUT = 0 mA, f = fMAX = 1/tRC
–80
mA
ISB1
Automatic CE Power down
Current —TTL Inputs
Max VCC, CE > VIH,
VIN > VIH or VIN < VIL, f = fMAX
–15
mA
ISB2
Automatic CE Power down
Current —CMOS Inputs
Max VCC, CE > VCC – 0.3 V,
VIN > VCC – 0.3 V, or VIN < 0.3 V, f = 0
–5
mA
Capacitance
Parameter[3]
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25 °C, f = 1 MHz, VCC = 5.0 V
8
pF
COUT
Output Capacitance
8pF
Notes
2. VIL (min.) = –2.0 V for pulse durations of less than 20 ns.
3. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY7C1019CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019CV33 CYPRESS-CY7C1019CV33 Datasheet
193Kb / 8P
   128K x 8 Static RAM
CY7C1019CV33-10VC CYPRESS-CY7C1019CV33-10VC Datasheet
193Kb / 8P
   128K x 8 Static RAM
CY7C1019CV33-10VC CYPRESS-CY7C1019CV33-10VC Datasheet
382Kb / 10P
   128K x 8 Static RAM
CY7C1019CV33-10VI CYPRESS-CY7C1019CV33-10VI Datasheet
193Kb / 8P
   128K x 8 Static RAM
CY7C1019CV33-10ZC CYPRESS-CY7C1019CV33-10ZC Datasheet
193Kb / 8P
   128K x 8 Static RAM
More results

Similar Description - CY7C1019CV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com