Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1011CV33-10ZSXA Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1011CV33-10ZSXA
Description  2-Mbit (128 K 횞 16) Static RAM 360 mW (max) (Industrial and Automotive-A)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1011CV33-10ZSXA Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1011CV33-10ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 9Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 10Page - Cypress Semiconductor CY7C1011CV33-10ZSXA Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
CY7C1011CV33
Document Number: 38-05232 Rev. *L
Page 7 of 17
Switching Characteristics
Over the Operating Range
Parameter [5]
Description
-10
-12
Unit
Min
Max
Min
Max
Read Cycle
tpower[6]
VCC (typical) to the first access
1
1
s
tRC
Read cycle time
10
12
ns
tAA
Address to data valid
10
12
ns
tOHA
Data hold from address change
3
3
ns
tACE
CE LOW to data valid
10
12
ns
tDOE
OE LOW to data valid
Industrial/Automotive-A
5
6
ns
Automotive-E
8
tLZOE
OE LOW to Low Z[7]
0
–0–
ns
tHZOE
OE HIGH to High Z[7, 8]
5–6
ns
tLZCE
CE LOW to Low Z[7]
3
–3–
ns
tHZCE
CE HIGH to High Z[7, 8]
5–6
ns
tPU
CE LOW to power up
0
0
ns
tPD
CE HIGH to power down
10
12
ns
tDBE
Byte enable to data valid
Industrial/Automotive-A
5
6
ns
Automotive-E
8
tLZBE
Byte enable to Low Z
0
0
ns
tHZBE
Byte disable to High Z
5
6
ns
Write Cycle [9, 10]
tWC
Write cycle time
10
12
ns
tSCE
CE LOW to write end
7
8
ns
tAW
Address setup to write end
7
8
ns
tHA
Address hold from write end
0
0
ns
tSA
Address setup to write start
0
0
ns
tPWE
WE pulse width
7
8
ns
tSD
Data setup to write end
5
6
ns
tHD
Data hold from write end
0
0
ns
tLZWE
WE HIGH to Low Z[7]
3
–3–
ns
tHZWE
WE LOW to High Z[7, 8]
5–6
ns
tBW
Byte enable to end of write
7
8
ns
Notes
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, and input pulse levels of 0 to 3.0 V.
6. tPOWER gives the minimum amount of time that the power supply is at typical VCC values until the first memory access is performed.
7. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
8. tHZOE, tHZBE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) of Figure 4 on page 6. Transition is measured 500 mV from steady state voltage
9. The internal write time of the memory is defined by the overlap of CE LOW, WE LOW, and BHE/BLE LOW. CE, WE, and BHE/BLE must be LOW to initiate a write.
The transition of these signals terminate the write. The input data setup and hold timing is referenced to the leading edge of the signal that terminates the write.
10. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1011CV33-10ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
352Kb / 14P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
461Kb / 13P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33-10ZSXA CYPRESS-CY7C1011CV33-10ZSXA Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY7C1011CV33-10ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
FM21L16 CYPRESS-FM21L16 Datasheet
1Mb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com