Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199NL-15ZXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C199NL-15ZXC
Description  32 K 횞 8 Static RAM Automatic power-down when deselected
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199NL-15ZXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C199NL-15ZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C199NL-15ZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY7C199N
Document #: 001-06493 Rev. *C
Page 4 of 14
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ............................... –65 °C to +150 °C
Ambient Temperature with
Power Applied .......................................... –55 °C to +125 °C
Supply Voltage to Ground Potential
(Pin 28 to Pin 14)..........................................–0.5 V to +7.0 V
DC Voltage Applied to Outputs
in High Z State[1].................................. –0.5 V to VCC + 0.5 V
DC Input Voltage[1] .............................. –0.5 V to VCC + 0.5 V
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage......................................... > 2001 V
(per MIL-STD-883, Method 3015)
Latch-up Current.................................................... > 200 mA
Operating Range
Range
Ambient Temperature[2]
VCC
Commercial
0 °C to +70 °C
5 V
 10%
Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
-15
Unit
Min
Max
VOH
Output HIGH Voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3 V
V
VIL
Input LOW Voltage
–0.5
0.8
V
IIX
Input Load Current
GND < VI < VCC
–5
+5
A
IOZ
Output Leakage Current
GND < VO < VCC, Output Disabled
–5
+5
A
ICC
VCC Operating Supply Current VCC = Max, IOUT = 0 mA,
f = fMAX = 1/tRC
L–
100
mA
ISB1
Automatic CE Power-down
Current— TTL Inputs
Max VCC, CE > VIH, VIN > VIH or
VIN < VIL, f = fMAX
L–
5
mA
ISB2
Automatic CE Power-down
Current— CMOS Inputs
Max VCC,
CE > VCC – 0.3 V,
VIN > VCC – 0.3 V,
or VIN < 0.3 V, f = 0
L
0.05
mA
Notes
1. VIL (min) = –2.0 V for pulse durations of less than 20 ns.
2. TA is the “instant on” case temperature.
[+] Feedback


Similar Part No. - CY7C199NL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results

Similar Description - CY7C199NL-15ZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D CYPRESS-CY7C199D_11 Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C1049CV33_1106 CYPRESS-CY7C1049CV33_1106 Datasheet
312Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM Automatic power down when deselected
CY62158EV30 CYPRESS-CY62158EV30_11 Datasheet
435Kb / 16P
   8-Mbit (1024 K x 8) Static RAM Automatic power down when deselected
CY7C1049DV33 CYPRESS-CY7C1049DV33_11 Datasheet
869Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power down when deselected
CY62148ESL CYPRESS-CY62148ESL_11 Datasheet
264Kb / 14P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62138FV30 CYPRESS-CY62138FV30_11 Datasheet
701Kb / 18P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
CY62148E CYPRESS-CY62148E_11 Datasheet
941Kb / 16P
   4-Mbit (512 K x 8) Static RAM Automatic power-down when deselected
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com