Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C136-25NXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C136-25NXC
Description  2K x 8 Dual-Port Static RAM High speed access: 15 ns
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C136-25NXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C136-25NXC Datasheet HTML 3Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 4Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 5Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 6Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 7Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 8Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 9Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 10Page - Cypress Semiconductor CY7C136-25NXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CY7C132, CY7C136
CY7C136A, CY7C142, CY7C146
Document #: 38-06031 Rev. *G
Page 7 of 15
Interrupt Timing [16]
tWINS
R/W to INTERRUPT Set Time
25
35
45
ns
tEINS
CE to INTERRUPT Set Time
25
35
45
ns
tINS
Address to INTERRUPT Set Time
25
35
45
ns
tOINR
OE to INTERRUPT Reset Time[13]
25
35
45
ns
tEINR
CE to INTERRUPT Reset Time[13]
25
35
45
ns
tINR
Address to INTERRUPT Reset Time[13]
25
35
45
ns
Switching Characteristics
Over the Operating Range (Speeds -35, -45, -55) [8] (continued)
Parameter
Description
7C132-35
7C136-35
7C142-35
7C146-35
7C132-45
7C136-45
7C142-45
7C146-45
7C132-55
7C136-55
7C136A-55
7C142-55
7C146-55
Unit
Min
Max
Min
Max
Min
Max
Switching Waveforms
Figure 4. Read Cycle No. 1 (Either Port-Address Access) [17, 18]
Figure 5. Read Cycle No. 2 (Either Port-CE/OE )[17, 19]
tRC
tAA
tOHA
DATA VALID
PREVIOUS DATA VALID
DATA OUT
ADDRESS
tACE
tLZOE
tDOE
tHZOE
tHZCE
DATA VALID
DATA OUT
CE
OE
tLZCE
tPU
ICC
ISB
tPD
Notes
17. R/W is HIGH for read cycle.
18. Device is continuously selected, CE = VIL and OE = VIL.
19. Address valid prior to or coincident with CE transition LOW.
[+] Feedback


Similar Part No. - CY7C136-25NXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C136-25NXC CYPRESS-CY7C136-25NXC Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C136-25NXC CYPRESS-CY7C136-25NXC Datasheet
468Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136-25NXC CYPRESS-CY7C136-25NXC Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results

Similar Description - CY7C136-25NXC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com