Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-15BBXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C057V-15BBXC
Description  3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-15BBXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C057V-15BBXC Datasheet HTML 2Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 3Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 4Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 5Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 9Page - Cypress Semiconductor CY7C057V-15BBXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. *E
Page 6 of 26
Pin Definitions
Left Port
Right Port
Description
A0L–A13/14L
A0R–A13/14R
Address (A0–A13 for 16K; A0–A14 for 32K devices)
SEML
SEMR
Semaphore Enable
CE0L, CE1L
CE0R, CE1R
Chip Enable (CE is LOW when CE0  VIL and CE1 VIH)
INTL
INTR
Interrupt flag
BUSYL
BUSYR
Busy flag
I/O0L–I/O35L
I/O0R–I/O35R
Data bus input/output
OEL
OER
Output Enable
R/WL
R/WR
Read/Write Enable
B0–B3
Byte select inputs. Asserting these signals enables read and write operations
to the corresponding bytes of the memory array.
BM, SIZE
See bus matching for details.
WA, BA
See bus matching for details.
M/S
Master or Slave select
VSS
Ground
VDD
Power
[+] Feedback


Similar Part No. - CY7C057V-15BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-15BBXC CYPRESS-CY7C057V-15BBXC Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-15BBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD02S36V CYPRESS-CYD02S36V_11 Datasheet
801Kb / 28P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
CY7C006A CYPRESS-CY7C006A Datasheet
422Kb / 20P
   32K/16K x8, 32K/16K x9 Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com