Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-15VI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C185-15VI
Description  64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15VI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C185-15VI Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 9Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 10Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 11Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 12Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 13Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C185
Document #: 38-05043 Rev. *E
Page 10 of 15
Truth Table
CE1
CE2
WE
OE
Input/Out-
put
Mode
H
X
X
X
High Z
Deselect/
Power-down
X
L
X
X
High Z
Deselect/
Power-down
L
H
H
L
Data Out
Read
L
H
L
X
Data In
Write
L
H
H
H
High Z
Deselect
Address Designators
Address
Name
Address
Function
Pin
Number
A4
X3
2
A5
X4
3
A6
X5
4
A7
X6
5
A8
X7
6
A9
Y1
7
A10
Y4
8
A11
Y3
9
A12
Y0
10
A0
Y2
21
A1
X0
23
A2
X1
24
A3
X2
25
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C185-15VI
51-85031
28-pin (300-Mil) Molded SOJ
Industrial
20
CY7C185-20PXC
51-85014
28-pin (300-Mil) Molded DIP (Pb-free)
Commercial
35
CY7C185-35SC
51-85026
28-pin (300-Mil) Molded SOIC
Commercial
Ordering Code Definitions
Temperature Range: X = C or I
C = Commercial; I = Industrial
Package Type: XX = V or PX or S
V = 28-pin Molded SOJ
PX = 28-pin Molded DIP (Pb-free)
S = 28-pin Molded SOIC
Speed: 15 ns or 20 ns or 35 ns
85 = 64 Kbit density with datawidth × 8 bits
1 = Fast Asynchronous SRAM family
Technology Code: C = CMOS
7 = SRAM
CY = Cypress
C
CY
1
- XX
XX
7
85
X
[+] Feedback


Similar Part No. - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com