Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C185-15VI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C185-15VI
Description  64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C185-15VI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C185-15VI Datasheet HTML 1Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 2Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 3Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 4Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 5Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 6Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 7Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 8Page - Cypress Semiconductor CY7C185-15VI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY7C185
Document #: 38-05043 Rev. *E
Page 5 of 15
Switching Characteristics Over the Operating Range[4]
Parameter
Description
-15
-20
-35
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tRC
Read Cycle Time
15
20
35
ns
tAA
Address to Data Valid
15
20
35
ns
tOHA
Data Hold from Address Change
3
5
5
ns
tACE1
CE1 LOW to Data Valid
15
20
35
ns
tACE2
CE2 HIGH to Data Valid
15
20
35
ns
tDOE
OE LOW to Data Valid
8
9
15
ns
tLZOE
OE LOW to Low Z
3
3
3
ns
tHZOE
OE HIGH to High Z[5]
7
8
10
ns
tLZCE1
CE1 LOW to Low Z
[6]
3
5
5
ns
tLZCE2
CE2 HIGH to Low Z
3
3
3
ns
tHZCE
CE1 HIGH to High Z
[5, 6]
CE2 LOW to High Z
7
8
10
ns
tPU
CE1 LOW to Power-up
CE2 to HIGH to Power-up
0
0
0
ns
tPD
CE1 HIGH to Power-down
CE2 LOW to Power-down
15
20
20
ns
Write Cycle[7]
tWC
Write Cycle Time
15
20
35
ns
tSCE1
CE1 LOW to Write End
12
15
20
ns
tSCE2
CE2 HIGH to Write End
12
15
20
ns
tAW
Address Setup to Write End
12
15
25
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup to Write Start
0
0
0
ns
tPWE
WE Pulse Width
12
15
20
ns
tSD
Data Setup to Write End
8
10
12
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE
WE LOW to High Z[5]
7
7
8
ns
tLZWE
WE HIGH to Low Z
3
5
5
ns
Notes
4. Test conditions assume signal transition time of 5 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V, and output loading of the specified IOL/IOH
and 30-pF load capacitance.
5. tHZOE, tHZCE, and tHZWE are specified with CL = 5 pF as in part (b) of AC Test Loads. Transition is measured ±500 mV from steady state voltage.
6. At any temperature and voltage condition, tHZCE is less than tLZCE1 and tLZCE2 for any given device.
7. The internal write time of the memory is defined by the overlap of CE1 LOW, CE2 HIGH, and WE LOW. All 3 signals must be active to initiate a write and either signal
can terminate a write by going HIGH. The data input setup and hold timing must be referenced to the rising edge of the signal that terminates the write.
[+] Feedback


Similar Part No. - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
197Kb / 11P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
307Kb / 12P
   8K x 8 Static RAM
CY7C185-15VI CYPRESS-CY7C185-15VI Datasheet
200Kb / 11P
   8K x 8 Static RAM
More results

Similar Description - CY7C185-15VI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_11 Datasheet
553Kb / 17P
   64 K 횞 16 Static RAM CMOS for optimum speed/power
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C197N CYPRESS-CY7C197N_11 Datasheet
220Kb / 13P
   256 K 횞 1 Static RAM CMOS for optimum speed/power
CY7C192 CYPRESS-CY7C192_11 Datasheet
439Kb / 12P
   64 K 횞 4 Static RAM with Separate IO CMOS for optimum speed/power
CY7C1021D CYPRESS-CY7C1021D_11 Datasheet
510Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM CMOS for Optimum Speed and Power
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com